Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPS-100-27 Datasheet(PDF) 4 Page - XP Power Limited

Part # LPS-100-27
Description  100W Single Output without PFC Function
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

LPS-100-27 Datasheet(HTML) 4 Page - XP Power Limited

  LPS-100-27 Datasheet HTML 1Page - XP Power Limited LPS-100-27 Datasheet HTML 2Page - XP Power Limited LPS-100-27 Datasheet HTML 3Page - XP Power Limited LPS-100-27 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FileName:LPS-100-SPEC2006-03-10
Unit:mm
fosc:135KHz
60
80
100
120
140
160
180
200
220
240
260
+12V
+12V
300
13
250
12
200
11
150
10
100
9
50
8
25
7
Ta=25
DCOutputConnector(CN2):JST B8P-VHorequivalent
PinNo.
1,2,3,4
5,6,7,8
Assignment
+V
-V
MatingHousing
JST VHR
orequivalent
Terminal
JST SVH-21T-P1.1
orequivalent
ACInputConnector(CN1):JST B5P-VHorequivalent
PinNo.
1
2,4
5
3
Assignment
AC/L
FG
AC/N
Nopin
MatingHousing
JST VHR
JST SVH-21T-P1.1
orequivalent
orequivalent
Terminal
5
CN1
1
3
2
5
4
FG
+V ADJ.
1
2
3
4
5
8
6
7
CN2
222
212
-10
0
10
20
30
40
50
60
20
40
60
80
100
Convection
(3.3V,7.5V~48V)
LPS-100-5V
18CFMmin
Forced Air
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(V)60Hz
(HORIZONTAL)
BlockDiagram
MechanicalSpecification
StaticCharacteristics(12V)
OutputDerating
O.V.P.
CONTROL
ING
-V
+V
RECTIFIERS
&
FILTER
SWITCH-
POWER
FILTER
&
RECTIFIERS
O.L.P.
DETECTION
CIRCUIT
PWM
FG
I/P
FILTER
EMI
115/230VAC
AUTO
SWITCH
100WSingleOutputwithoutPFCFunction
L P S - 1 0 0 series


Similar Part No. - LPS-100-27

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LPS-100-27 ETC2-LPS-100-27 Datasheet
419Kb / 2P
   100W Single Output without PFC Function
logo
Astrodyne Corporation
LPS-100-27 ASTRODYNE-LPS-100-27 Datasheet
419Kb / 2P
   100W Single Output without PFC Function
logo
Mean Well Enterprises C...
LPS-100-27 MEANWELL-LPS-100-27 Datasheet
343Kb / 2P
   100W Single Output without PFC Function
LPS-100-27 MEANWELL-LPS-100-27 Datasheet
345Kb / 2P
   100W Single Output without PFC Function
LPS-100-27 MEANWELL-LPS-100-27 Datasheet
344Kb / 2P
   100W Single Output without PFC Function
More results

Similar Description - LPS-100-27

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPS-100_1108 MEANWELL-LPS-100_1108 Datasheet
344Kb / 2P
   100W Single Output without PFC Function
logo
Astrodyne Corporation
LPS-100 ASTRODYNE-LPS-100 Datasheet
419Kb / 2P
   100W Single Output without PFC Function
logo
Mean Well Enterprises C...
LPS-100 MEANWELL-LPS-100_11 Datasheet
345Kb / 2P
   100W Single Output without PFC Function
logo
List of Unclassifed Man...
LPS-100 ETC2-LPS-100 Datasheet
419Kb / 2P
   100W Single Output without PFC Function
logo
Mean Well Enterprises C...
LPS-100 MEANWELL-LPS-100 Datasheet
343Kb / 2P
   100W Single Output without PFC Function
EPP-100 MEANWELL-EPP-100 Datasheet
759Kb / 2P
   100W Single Output with PFC Function
SP-100 MEANWELL-SP-100 Datasheet
293Kb / 2P
   100W Single Output with PFC Function
LPP-100 MEANWELL-LPP-100_12 Datasheet
338Kb / 2P
   100W Single Output with PFC Function
logo
RSG Electronic Componen...
LPP-100-3.3 RSG-LPP-100-3.3 Datasheet
205Kb / 2P
   100W Single Output with PFC Function
logo
Astrodyne Corporation
SP100DRL ASTRODYNE-SP100DRL Datasheet
425Kb / 5P
   100W Single Output with PFC Function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com