Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCF0051330B0-XC Datasheet(PDF) 23 Page - Murata Power Solutions Inc.

Part # NCF0051330B0-XC
Description  Non-Isolated 5A SIP/SMT DC/DC Converters
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NCF0051330B0-XC Datasheet(HTML) 23 Page - Murata Power Solutions Inc.

Back Button NCF0051330B0-XC Datasheet HTML 15Page - Murata Power Solutions Inc. NCF0051330B0-XC Datasheet HTML 16Page - Murata Power Solutions Inc. NCF0051330B0-XC Datasheet HTML 17Page - Murata Power Solutions Inc. NCF0051330B0-XC Datasheet HTML 18Page - Murata Power Solutions Inc. NCF0051330B0-XC Datasheet HTML 19Page - Murata Power Solutions Inc. NCF0051330B0-XC Datasheet HTML 20Page - Murata Power Solutions Inc. NCF0051330B0-XC Datasheet HTML 21Page - Murata Power Solutions Inc. NCF0051330B0-XC Datasheet HTML 22Page - Murata Power Solutions Inc. NCF0051330B0-XC Datasheet HTML 23Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
Murata Power Solutions
23
NCA005_6200830000.B01
Volant NCA005 Series
Non-Isolated 5A SIP/SMT DC/DC Converters
Label Information
Pin Length Option
B=0.139”
S=SMT
Enable Logic, 0 for–ve, 1 for +ve
Vout
Iout
Place Holder
Vout Range
F=Fixed
A=Adjustable
Vin (value or range)
C= 3.3V-5.0V
E= 8.3V-14V
F= 6.0V-14V
Non-Isolated Family
0 = Standard. (No PGood option)
P = Power Good Option
C = RoHS Compliant
N C A 0 0 5 1 3 3 0 B 0 – X C
X = Factory control character
(not required when ordering)
RoHS Compliant
The NCA005 series of converters is in compliance with the European Union Directive 2002/95/EC (RoHS) with repsect to the following sustances:
lead (Pb), mercury (Hg), cadmium (Cd), hexavalent chromium, polybrominated biphenyls (PBB) or polybrominated diphenyl ethers (PBDE).


Similar Part No. - NCF0051330B0-XC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NCF0051500B0-XC MURATA-PS-NCF0051500B0-XC Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NCF0051500BP-XC MURATA-PS-NCF0051500BP-XC Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NCF0051500S0-XC MURATA-PS-NCF0051500S0-XC Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NCF0051500SP-XC MURATA-PS-NCF0051500SP-XC Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NCF0051501B0-XC MURATA-PS-NCF0051501B0-XC Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
More results

Similar Description - NCF0051330B0-XC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NEA005 MURATA-NEA005 Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NEA005 MURATA-PS-NEA005 Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
C&D Technologies
NCA005 CANDD-NCA005 Datasheet
300Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NCA005 MURATA-NCA005 Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NEA016 MURATA-PS-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NCA015 MURATA-NCA015 Datasheet
372Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
NEA016 MURATA-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
NFA016 MURATA-NFA016 Datasheet
505Kb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
logo
C&D Technologies
NCA015 CANDD-NCA015 Datasheet
316Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NFA020 MURATA-PS-NFA020 Datasheet
679Kb / 25P
   Non-Isolated 20A SIP/SMT DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com