Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M4S3U6ME4 Datasheet(PDF) 2 Page - XP Power Limited

Part # M4S3U6ME4
Description  AC-DC Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

M4S3U6ME4 Datasheet(HTML) 2 Page - XP Power Limited

  M4S3U6ME4 Datasheet HTML 1Page - XP Power Limited M4S3U6ME4 Datasheet HTML 2Page - XP Power Limited M4S3U6ME4 Datasheet HTML 3Page - XP Power Limited M4S3U6ME4 Datasheet HTML 4Page - XP Power Limited M4S3U6ME4 Datasheet HTML 5Page - XP Power Limited M4S3U6ME4 Datasheet HTML 6Page - XP Power Limited M4S3U6ME4 Datasheet HTML 7Page - XP Power Limited M4S3U6ME4 Datasheet HTML 8Page - XP Power Limited M4S3U6ME4 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LP & LP-MD
Model Configuration
STEP 1
In order to configure a model number for your LP (industrial) or LP-MD (medical) series power supply, first select
the appropriate chassis based on your application’s continuous, maximum output power requirements. Select ‘P’
for industrial or ‘M’ for medical.
STEP 2
From the ratings below, select the output modules that suit your output voltage and current requirements. Modules
can be positioned as denoted by the
and
sequence shown below.
STEP 3
Form the model number as shown on the next page, ensuring you have selected a cooling method.
P3 & M3 (250 W) Model
P4 & M4 (350 W) Model
P5 & M5 (450 W) Model
1. R modules do not have signals or control facilities.
2. Output V2 & V3 of U & T modules can supply up to 5 A in certain applications dependent on other rail loadings. Contact sales for details.
3. Also available from Farnell and Newark.
OUTPUT 1
OUTPUT 2
OUTPUT 3
MODULE
CODE
MODULE
SIZE
1.8 V
(1.65-1.95 V) @ 50 A
SZ
..
2.5 V
(2.25-2.75 V) @ 50 A
S1
3.3 V
(3.25-3.50 V) @ 50 A
S2
5.0 V
(4.50-5.50 V) @ 50 A
S3
8.0 V
(7.20-8.80 V) @ 31 A
SF
10.0 V
(9.00-11.00 V) @ 25 A
SG
12.0 V (11.00-13.00 V) @ 20 A
S4
15.0 V (14.00-16.00 V) @ 17 A
S5
24.0 V (21.00-26.00 V) @ 10 A
S6
28.0 V (25.00-31.00 V) @
9 A
S7
36.0 V (32.00-40.00 V) @
7 A
S8
48.0 V (43.00-53.00 V) @
5 A
S9
3.3 V
(3.25-3.50 V) @ 40 A
5.0 V
(4.8-16.0 V) @ 4.0 A
U5
3.3 V
(3.25-3.50 V) @ 40 A
12.0 V
(4.8-16.0 V) @ 4.0 A
U6
3.3 V
(3.25-3.50 V) @ 40 A
15.0 V
(4.8-16.0 V) @ 4.0 A
U7
3.3 V
(3.25-3.50 V) @ 40 A
24.0 V (19.0-28.0 V) @ 2.5 A
U8
5.0 V
(4.80-5.20 V) @ 40 A
5.0 V
(4.8-16.0 V) @ 4.0 A
U1
5.0 V
(4.80-5.20 V) @ 40 A
12.0 V
(4.8-16.0 V) @ 4.0 A
U2
5.0 V
(4.80-5.20 V) @ 40 A
15.0 V
(4.8-16.0 V) @ 4.0 A
U3
5.0 V
(4.80-5.20 V) @ 40 A
24.0 V (19.0-28.0 V) @ 2.5 A
U4
5.0 V
(4.80-5.20 V) @
8 A
12.0 V (11.5-12.5 V) @ 6.0 A
R6(1)
5.0 V
(4.80-5.20 V) @
8 A
24.0 V (22.0-26.0 V) @ 3.0 A
R4(1)
12.0 V (11.50-12.50 V) @
6 A
12.0 V (11.5-12.5 V) @ 6.0 A
R1(1)
12.0 V (11.50-12.50 V) @
6 A
24.0 V (22.0-26.0 V) @ 3.0 A
R5(1)
15.0 V (14.00-16.00 V) @
5 A
15.0 V (14.0-16.0 V) @ 5.0 A
R2(1)
3.3 V
(3.25-3.50 V) @ 20 A
12.0 V
(4.8-16.0 V) @ 4.0 A
12.0 V (4.8-16.0 V) @ 4 A
T3
3.3 V
(3.25-3.50 V) @ 20 A
15.0 V
(4.8-16.0 V) @ 3.0 A
15.0 V (4.8-16.0 V) @ 3 A
T4
5.0 V
(4.80-5.20 V) @ 20 A
12.0 V
(4.8-16.0 V) @ 4.0 A
12.0 V (4.8-16.0 V) @ 4 A
T1
5.0 V
(4.80-5.20 V) @ 20 A
15.0 V
(4.8-16.0 V) @ 3.0 A
15.0 V (4.8-16.0 V) @ 3 A
T2
5.0 V
(4.80-5.20 V) @ 20 A
12.0 V
(4.8-16.0 V) @ 4.0 A
5.0 V (4.8-16.0 V) @ 4 A
T8
12.0 V (11.50-12.50 V) @ 10 A
12.0 V
(4.8-16.0 V) @ 4.0 A
5.0 V (4.8-16.0 V) @ 4 A
T6
12.0 V (11.50-12.50 V) @ 10 A
12.0 V
(4.8-16.0 V) @ 4.0 A
15.0 V (4.8-16.0 V) @ 3 A
T10
24.0 V (22.00-26.00 V) @
4 A
5.0 V
(4.8-16.0 V) @ 4.0 A
5.0 V (4.8-16.0 V) @ 4 A
T11
24.0 V (22.00-26.00 V) @
4 A
15.0 V
(4.8-16.0 V) @ 4.0 A
5.0 V (4.8-16.0 V) @ 4 A
T9
24.0 V (22.00-26.00 V) @
4 A
15.0 V
(4.8-16.0 V) @ 3.0 A
15.0 V (4.8-16.0 V) @ 3 A
T7
Module Position
2
1
Module Position
2
1
Module Position
2
1
None
None
None
None
None
None
Output Modules Voltage (Adjustment) & Current Ratings


Similar Part No. - M4S3U6ME4

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
M4S32 WINCHESTER-M4S32 Datasheet
109Kb / 1P
   COMPOSITE OUTLINE ASSY
logo
DB Lectro Inc
M4S3H DBLECTRO-M4S3H Datasheet
149Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
M4S3HA DBLECTRO-M4S3HA Datasheet
149Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
M4S3HAW DBLECTRO-M4S3HAW Datasheet
149Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
M4S3HW DBLECTRO-M4S3HW Datasheet
149Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
More results

Similar Description - M4S3U6ME4

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com