Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR39 Datasheet(PDF) 3 Page - Mospec Semiconductor

Part # SR39
Description  SCHOTTKY BARRIER RECTIFIERS(3.0A,70-100V)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

SR39 Datasheet(HTML) 3 Page - Mospec Semiconductor

  SR39 Datasheet HTML 1Page - Mospec Semiconductor SR39 Datasheet HTML 2Page - Mospec Semiconductor SR39 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - SR39

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SR39 PANJIT-SR39 Datasheet
60Kb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 90 Volts CURRENT - 3.0 Amperes)
logo
Transys Electronics
SR39 TRSYS-SR39 Datasheet
171Kb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SR39 EIC-SR39 Datasheet
47Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
GOOD-ARK Electronics
SR39 GOOD-ARK-SR39 Datasheet
171Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Won-Top Electronics
SR39 WTE-SR39 Datasheet
47Kb / 4P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - SR39

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR307 MOSPEC-SR307 Datasheet
232Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(3.0A,70-100V)
SR107 MOSPEC-SR107 Datasheet
214Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,70-100V)
SR507 MOSPEC-SR507 Datasheet
231Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(5.0A,70-100V)
S10C70 MOSPEC-S10C70 Datasheet
228Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(10A,70-100V)
S20C70 MOSPEC-S20C70 Datasheet
248Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(20A,70-100V)
S20S70 MOSPEC-S20S70 Datasheet
243Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(20A,70-100V)
SR27 MOSPEC-SR27 Datasheet
226Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(2.0A,70-100V)
S05A70 MOSPEC-S05A70 Datasheet
232Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(5A,70-100V)
S10A70 MOSPEC-S10A70 Datasheet
223Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(10A,70-100V)
S10S70 MOSPEC-S10S70 Datasheet
224Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(10A,70-100V)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com