Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFH20048S3V3 Datasheet(PDF) 3 Page - XP Power Limited

Part # IFH20048S3V3
Description  DC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

IFH20048S3V3 Datasheet(HTML) 3 Page - XP Power Limited

  IFH20048S3V3 Datasheet HTML 1Page - XP Power Limited IFH20048S3V3 Datasheet HTML 2Page - XP Power Limited IFH20048S3V3 Datasheet HTML 3Page - XP Power Limited IFH20048S3V3 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Notes
1. Logic compatibility: open collector ref to -ve input. Module On = open circuit. Module Off = <0.8 VDC.
2. Add suffix ‘N’ to the model number to receive the unit with negative logic Remote On/Off.
3. Ripple & noise is measured with a 10 µF tantalum capacitor and 0.1 µF ceramic capacitor across output.
4. Input current specified at 24 V for 18-36 VDC models and 48 V for 36-75 VDC models.
BOTTOM VIEW
(106.7)
4.20
4.60
(116.8)
0.70
2.00
1
0.30
(17.8)
(50.8)
(7.6)
0.30
(7.6)
3
2
4
M3*0.5 Through 4pl.
0.28
2.40
SIDE VIEW
(13.5)
0.53
9
6
7
8
5
(61.0)
(7.2)
ø0.04
(1.02)
Pins 1-4, 6-8
ø0.08
(2.03)
Pins 5 & 9
ICH/IFH Series
Mechanical Details
BOTTOM VIEW
(48.3)
1.90
2.28
(57.9)
1.40
2.00
1
0.60
(35.6)
(50.8)
(15.2)
3
2
4
M3*0.5 Through 4pl.
Mounting Inserts
0.18 min.
2.40
SIDE VIEW
(12.7)
0.50
9
6
7
8
5
(61.0)
(4.6)
ø0.04
(1.02)
ø0.08
(2.03)
ICH50 to ICH150
IFH200
PIN CONNECTIONS
Pin
Function
1
+Vin
2
On/Off
3
Case
4
-Vin
5
-Vout
6
-Sense
7
Trim
8
+Sense
9
+Vout
Dimensions are in inches (mm)
Weight: 0.22 lbs (100 g) approx
Case Material:
ICH50/75/100/150 - Aluminium
IFH200 - Aluminium baseplate with plastic case
Input
Voltage
Output
Voltage
Output
Current
Input Current
Efficiency
Model
Number
(2)
No Load
Full Load
(4)
18-36 VDC
2.5 V
20.00 A
50 mA
2705 mA
77%
ICH10024S2V5
3.3 V
20.00 A
50 mA
3480 mA
79%
ICH10024S3V3
5.0 V
20.00 A
50 mA
5020 mA
83%
ICH10024S05
12.0 V
8.30 A
50 mA
4880 mA
85%
ICH10024S12
15.0 V
6.70 A
50 mA
4925 mA
85%
ICH10024S15
24.0 V
4.17 A
50 mA
4905 mA
85%
ICH10024S24
36-75 VDC
2.5 V
20.00 A
50 mA
1335 mA
78%
ICH10048S2V5
3.3 V
20.00 A
50 mA
1720 mA
80%
ICH10048S3V3
5.0 V
20.00 A
50 mA
2480 mA
84%
ICH10048S05
12.0 V
8.30 A
50 mA
2442 mA
85%
ICH10048S12
15.0 V
6.70 A
50 mA
2463 mA
85%
ICH10048S15
24.0 V
4.17 A
50 mA
2463 mA
85%
ICH10048S24
Input
Voltage
Output
Voltage
Output
Current
Input Current
Efficiency
Model
Number
(2)
No Load
Full Load
(4)
36-75 VDC
2.5 V
30.00 A
25 mA
2.10 A
74%
ICH15048S2V5
3.3 V
30.00 A
25 mA
2.60 A
79%
ICH15048S3V3
5.0 V
30.00 A
25 mA
3.70 A
83%
ICH15048S05
12.0 V
12.50 A
25 mA
3.60 A
85%
ICH15048S12
15.0 V
10.00 A
25 mA
3.60 A
85%
ICH15048S15
24.0 V
6.25 A
25 mA
3.60 A
85%
ICH15048S24
Input
Voltage
Output
Voltage
Output
Current
Input Current
Efficiency
Model
Number
(2)
No Load
Full Load
(4)
36-75 VDC
2.5 V
40.00 A
25 mA
2.1 A
74%
IFH20048S2V5
3.3 V
40.00 A
25 mA
3.5 A
79%
IFH20048S3V3
5.0 V
40.00 A
25 mA
5.0 A
83%
IFH20048S05
12.0 V
17.00 A
25 mA
5.0 A
85%
IFH20048S12
15.0 V
13.30 A
25 mA
5.0 A
85%
IFH20048S15
24.0 V
8.33 A
25 mA
5.0 A
85%
IFH20048S24
28.0 V
7.14 A
25 mA
4.7 A
89%
IFH20048S28
48.0 V
4.20 A
25 mA
4.7 A
90%
IFH20048S48
Models & Ratings


Similar Part No. - IFH20048S3V3

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
IFH24P0T0SE21 LUGUANG-IFH24P0T0SE21 Datasheet
1Mb / 8P
   Ceramic Resonator
More results

Similar Description - IFH20048S3V3

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com