Electronic Components Datasheet Search |
|
JCF1048S12 Datasheet(PDF) 1 Page - XP Power Limited |
|
JCF1048S12 Datasheet(HTML) 1 Page - XP Power Limited |
1 / 2 page Specification 10 Watts • 2:1 Input Range • DIP-24 Metal Package • Operating Temperature -40 °C to +100 °C • High Efficiency up to 89% • 1500 VDC Isolation • Input Pi Filter • Continuous Short Circuit Protection JCF10 Series Input Input Voltage Range • 24 V (18-36 VDC) 48 V (36-75 VDC) Input Current • See table Input Filter • Pi network Undervoltage Lockout • Turn on >71% nominal input Turn off <67% nominal input Output Output Voltage • See table Minimum Load • None Line Regulation • ±0.2% Load Regulation • ±0.5% Setpoint Accuracy • ±1.0% Ripple & Noise • 75 mV pk-pk, 20 MHz BW Transient Response • ±5% deviation recovery to within 1% in <500 µs for a 25% step load change Temperature • ±0.05%/°C Coefficient Overvoltage Protection • On single output models only 2.5 V models: 3.9 V typical, 3.3 V models: 3.9 V typical, 5.0 V models: 6.2 V typical, 12.0 V models: 15.0 V typical Overcurrent Protection • 110-140% Short Circuit Protection • Trip & restart (Hiccup mode), auto recovery xppower.com General Efficiency • See table Isolation Voltage • 1500 VDC min Switching Frequency • 380 kHz typical MTBF • 1,000 kHrs min per MIL-HDBK-217F Environmental Operating Temperature • -40 °C to +100 °C (see derating curve) Case Temperature • +100 °C max Storage Temperature • -40 °C to +125 °C Cooling • Convection-cooled Operating Humidity • Up to 95% RH, non-condensing Shock • 30 g, half sine wave 18 ms pulse applied 3 times on each of 6 axes Vibration • 5-500 Hz, 3 g, for 10 mins on each of 3 axes EMC Emissions • EN55022, Level A conducted & radiated with external components (contact technical sales for details) ESD Immunity • EN61000-4-2, Level 2 Perf Criteria A Radiated Immunity • EN61000-4-3, 3 V/m Perf Criteria A Conducted Immunity • EN61000-4-6, 3 V rms Perf Criteria A |
Similar Part No. - JCF1048S12 |
|
Similar Description - JCF1048S12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |