Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IZ1212S Datasheet(PDF) 1 Page - XP Power Limited

Part # IZ1212S
Description  DC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

IZ1212S Datasheet(HTML) 1 Page - XP Power Limited

  IZ1212S Datasheet HTML 1Page - XP Power Limited IZ1212S Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
3 Watts
Regulated Single & Dual Output
Wide 2:1 Input Range
SIP Package
1600 VDC Isolation
Optional Metal Case
Continuous Short Circuit Protection
MTBF >2.4 MHrs
IZ Series
Input
Input Voltage Range
• 5 V models: 4.5 - 9.0 V
12 V models: 9.0 - 18.0 V
24 V models: 18.0 - 36.0 V
48 V models: 36.0 - 72.0 V
Input Reflected Ripple
• 35 mA pk-pk through 12 µH inductor
5 Hz to 20 MHz
Input Current
• See table
Input Filter
• Capacitor
Output
Output Voltage
• See table
Line Regulation
• ±0.5% max
Load Regulation
• ±1.0% max from 25-100% load
Setpoint Accuracy
• ±1% max
Start Up Rise Time
• 20 ms typical
Ripple & Noise
• 75 mV pk-pk max 20 MHz BW
Temperature Coefficient • 0.02%/°C
Short Circuit Protection • Continuous with auto recovery
Cross Regulation
• ±5% on dual output models
Transient Response
• ±3% deviation recovering to <1%
within 300 µs for 25% load change
Maximum Capacitive
• See table
Load
Remote On/Off
• Applying 5 V via 1 k
Ω current limiting
resistor (with respect to -V Input)
turns output off
General
Efficiency
• See table
Isolation Voltage
• 1600 VDC,
Isolation Resistance
• 109
Ω
Isolation Capacitance
• 680 pF typical
Switching Frequency
• 100-650 kHz
MTBF
• >2.4 MHrs to MIL-STD-217F
Physical
Case Material
• Non-conductive black plastic (UL94V-0
rated). Optional metal:
nickel coated copper (see note 2)
Pin Material
• C5191R-H solder coated
Potting Material
• Epoxy (UL94V-0 rated)
Lead Soldering
• 260 ºC 1.5 mm from case for 10 s
Temperature
Environmental
Operating Temperature • -40 °C to +70 °C, derate from 100% load
at 70 ºC to 0% load at 100 ºC
Storage Temperature
• -40 °C to +125 °C
Case Temperature
• 100 °C max
Cooling
• Convection-cooled
Humidity
• 95% RH, non condensing
xppower.com


Similar Part No. - IZ1212S

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IZ1223M INTEGRAL-IZ1223M Datasheet
134Kb / 8P
   BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
IZ1225M INTEGRAL-IZ1225M Datasheet
118Kb / 8P
   BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
IZ1225MR INTEGRAL-IZ1225MR Datasheet
118Kb / 8P
   BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
IZ1228 INTEGRAL-IZ1228 Datasheet
111Kb / 9P
   8-DIGIT CALCULATOR
IZ1228M INTEGRAL-IZ1228M Datasheet
111Kb / 9P
   8-DIGIT CALCULATOR
More results

Similar Description - IZ1212S

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com