Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JAZ10-05S3V3 Datasheet(PDF) 2 Page - XP Power Limited

Part # JAZ10-05S3V3
Description  DC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JAZ10-05S3V3 Datasheet(HTML) 2 Page - XP Power Limited

  JAZ10-05S3V3 Datasheet HTML 1Page - XP Power Limited JAZ10-05S3V3 Datasheet HTML 2Page - XP Power Limited JAZ10-05S3V3 Datasheet HTML 3Page - XP Power Limited JAZ10-05S3V3 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
JAZ05
2
Mechanical Details
Derating Curves
Models and Ratings
Input
Voltage
Output
Voltage
Output
Current
R Trim
(kOhms)
Input Current
Efficiency
Model
Number(1,2,3)
No Load
Full Load
8.3 - 14.0 VDC
0.75 V
5 A
Open
20 mA
428 mA
73%
JAZ05-12S05
1.20 V
5 A
22.33
25 mA
625 mA
80%
1.50 V
5 A
13.00
25 mA
762 mA
82%
1.80 V
5 A
9.00
30 mA
893 mA
84%
2.00 V
5 A
7.40
30 mA
890 mA
85%
2.50 V
5 A
5.00
35 mA
1197 mA
87%
3.30 V
5 A
3.12
45 mA
1545 mA
89%
5.00 V
5 A
1.47
50 mA
2264 mA
92%
Notes
Standard Version
SMT Version
Standard Version
SMT Version
Derating Curve for 3.3 VDC Output
Derating Curve for 3.3 VDC Output
1. Add suffix ‘S’ for SMT versions.
2. The undervoltage lockout protection for the JAZ05-12S05 is turn on > 8.0 V and turn off <7.9 V.
3. For negative logic remote turn on/off add suffix ‘-L’ to part number.
0.90 (22.9)
LAYOUT PATTERN
TOP VIEW
1.1 mm PLATED THROUGH HOLE
1.6 mm PAD SIZE
0.40 (10.2)
0.22 (5.6)
Max
0.14 (3.6)
0.20 (5.1)
0.24 (6.1)
0.025 (0.64)
0.19 (4.7)
0.025
(0.64)
0.100 (2.54)
0.200 (5.08)
0.700 (17.78)
0.800 (20.32)
12
3
4
5
0.80
(20.3)
GND
TRIM
VOUT
GND
TRIM
VOUT
ON/OFF
VIN
ON/OFF
PAD SIZE
MIN: 0.120 x 0.095 (3.05 x 2.41)
MAX: 0.135 x 0.110 (3.43 x 2.79)
VIN
Surface Mount Contact 5 Places
0.19
(4.8)
0.35
(8.9)
0.062
(1.57)
0.09
(2.3)
0.05
(1.3)
0.05
(1.3)
0.69
(17.5)
0.01
(0.3)
0.34
(8.6)
0.45
(11.4)
0.065
(1.7)
0.06
(1.5)
0.34
(8.6)
0.35
(8.9)
0.06
(1.5)
0.16
(4.1)
0.16
(4.1)
0.18
(4.6)
0.18
(4.6)
0.16
(4.1)
0.16
(4.1)
0.19
(4.8)
0.24
(6.1) max
All dimensions are in inches (mm)
Tolerances: x.xx = ±0.02 (±0.50) unless otherwise stated
x.xxx = ±0.01 (±0.25)
PIN CONNECTIONS
Pin
12345
Function
+ Output
Trim
Common
+ V Input
On/Off


Similar Part No. - JAZ10-05S3V3

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
JAZ-15P-3 JST-JAZ-15P-3 Datasheet
2Mb / 24P
   Solder pot plug and socket DSUBMINIATURE CONNECTOR J SERIES
JAZ-15S-3 JST-JAZ-15S-3 Datasheet
2Mb / 24P
   Solder pot plug and socket DSUBMINIATURE CONNECTOR J SERIES
JAZ-15S-90-3 JST-JAZ-15S-90-3 Datasheet
2Mb / 24P
   Solder pot plug and socket DSUBMINIATURE CONNECTOR J SERIES
JAZN JST-JAZN Datasheet
229Kb / 2P
   0.4mm pitch/ Board-to-board connectors
logo
List of Unclassifed Man...
JAZZ700W ETC2-JAZZ700W Datasheet
475Kb / 2P
   The model 700W pure sinewave inverter supplies a 230VAC output voltage either from a 12V, 24V, or 48 VDC power source.
More results

Similar Description - JAZ10-05S3V3

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com