Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ACT8997DW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT8997DW
Description  SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES SCAN-CONTROLLED IEEE STD 1149.1 JTAG TAP CONCATENATORS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT8997DW Datasheet(HTML) 3 Page - Texas Instruments

  SN74ACT8997DW Datasheet HTML 1Page - Texas Instruments SN74ACT8997DW Datasheet HTML 2Page - Texas Instruments SN74ACT8997DW Datasheet HTML 3Page - Texas Instruments SN74ACT8997DW Datasheet HTML 4Page - Texas Instruments SN74ACT8997DW Datasheet HTML 5Page - Texas Instruments SN74ACT8997DW Datasheet HTML 6Page - Texas Instruments SN74ACT8997DW Datasheet HTML 7Page - Texas Instruments SN74ACT8997DW Datasheet HTML 8Page - Texas Instruments SN74ACT8997DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
SN54ACT8997, SN74ACT8997
SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES
SCAN-CONTROLLED IEEE STD 1149.1 (JTAG) TAP CONCATENATORS
SCAS157D – APRIL 1990 – REVISED DECEMBER 1996
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block description
The ’ACT8997 is intended to link secondary scan paths for inclusion in a primary scan path. Any combination
of the four secondary scan paths can be linked, or the device can be bypassed entirely.
The least-significant bit (LSB) of any value scanned into any register of the device is the first bit shifted in
(nearest to TDO). The most-significant bit (MSB) is the last bit shifted in (nearest to TDI).
The ’ACT8997 is divided into functional blocks as detailed below.
test port
The test port decodes the signals on TCK, TMS, and TRST to control the operation of the circuit. The test port
includes a TAP controller that issues the proper control instructions to the data registers according to the
IEEE Standard 1149.1 protocol. The TAP controller state diagram is shown in Figure 1.
instruction register
The instruction register (IR) is an 8-bit-wide serial-shift register that issues commands to the device. Data is
input to the instruction register via TDI (or one of the DTDI pins) and shifted out via TDO. All device operations
are initiated by loading the proper instruction or sequence of instructions into the IR.
data registers
Six parallel data registers are included in the ’ACT8997: bypass, control, counter, boundary-scan, ID-bus, and
select. The ID bus register is a part of the boundary-scan register. Each data register is serially loaded via TDI
or DTDI and outputs data via TDO. Table 1 summarizes the registers in the ’ACT8997.
scan-path-configuration circuit
This circuit decodes bits in the select and control registers to determine which, if any, of the secondary scan
paths are to be included in the primary scan path.
Table 1. Register Summary
REGISTER
NAME
LENGTH
(BITS)
FUNCTION
Instruction
8
Issue command information to the device
Control
10
Configuration and enable control
Counter
8
Count events on DCI, output interrupts via DCO
Select
8
Select one or more secondary scan paths
Boundary Scan
10
Capture and force test data at device periphery
ID Bus
4
Provide subsystem identification code
Bypass
1
Remove the ’ACT8997 from the scan path


Similar Part No. - SN74ACT8997DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT8990 TI-SN74ACT8990 Datasheet
305Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 JTAG TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
SN74ACT8990 TI-SN74ACT8990 Datasheet
308Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 (JTAG) TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
SN74ACT8990FN TI-SN74ACT8990FN Datasheet
305Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 JTAG TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
SN74ACT8990FN TI-SN74ACT8990FN Datasheet
308Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 (JTAG) TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
SN74ACT8990FNR TI-SN74ACT8990FNR Datasheet
305Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 JTAG TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
More results

Similar Description - SN74ACT8997DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT8999 TI1-SN54ACT8999 Datasheet
435Kb / 29P
[Old version datasheet]   SCAN-PATH SELECTORS WITH 8-BIT BIDIRECTIONAL DATA BUSES SCAN-CONTROLLED IEEE STD 1149.1 (JTAG) TAP MULTIPLEXERS
logo
Xilinx, Inc
XQ18V04 XILINX-XQ18V04_03 Datasheet
155Kb / 15P
   IEEE Std 1149.1 boundary-scan (JTAG) support
logo
Texas Instruments
SN54ABT8996 TI-SN54ABT8996 Datasheet
564Kb / 40P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 JTAG TAP TRANSCEIVERS
SN54ABT8996 TI1-SN54ABT8996_15 Datasheet
741Kb / 46P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN74ACT8994 TI-SN74ACT8994 Datasheet
157Kb / 11P
[Old version datasheet]   DIGITAL BUS MONITOR IEEE STD 1149.1 JTAG SCAN-CONTROLLED LOGIC/SIGNATURE ANALYZER
SN54LVT8996 TI-SN54LVT8996_99 Datasheet
603Kb / 41P
[Old version datasheet]   3.3-V 10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN54LVT8996 TI-SN54LVT8996 Datasheet
717Kb / 44P
[Old version datasheet]   3.3-V 10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 JTAG TAP TRANSCEIVERS
SN74LVT8986 TI-SN74LVT8986 Datasheet
880Kb / 47P
[Old version datasheet]   3.3-V LINKING ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN74LVT8986 TI-SN74LVT8986_07 Datasheet
885Kb / 54P
[Old version datasheet]   3.3-V LINKING ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
logo
National Semiconductor ...
SCANSTA111 NSC-SCANSTA111 Datasheet
524Kb / 29P
   Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com