Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SN54AHC02 Datasheet(PDF) 5 Page - TI store

Click here to check the latest version.
Part No. SN54AHC02
Description  QUADRUPLE 2-INPUT POSITIVE-NOR GATES
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [TI store]
Homepage  http://www.ti.com
Logo 

   
 5 page
background image
SN54AHC02, SN74AHC02
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SCLS254K– DECEMBER 1995 – REVISED JULY 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
50% VCC
VCC
VCC
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Data Input
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VCC
0 V
50% VCC
50% VCC
Input
Out-of-Phase
Output
In-Phase
Output
Timing Input
50% VCC
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
Output
Control
Output
Waveform 1
S1 at VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
≈VCC
0 V
50% VCC
VOL + 0.3 V
50% VCC
≈0 V
VCC
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open Drain
Open
VCC
GND
VCC
TEST
S1
VCC
0 V
50% VCC
tw
VOLTAGE WAVEFORMS
PULSE DURATION
Input
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr ≤ 3 ns, tf ≤ 3 ns.
D. The outputs are measured one at a time with one input transition per measurement.
E. All parameters and waveforms are not applicable to all devices.
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT FOR
3-STATE AND OPEN-DRAIN OUTPUTS
S1
VCC
RL = 1 kΩ
GND
From Output
Under Test
CL
(see Note A)
Test
Point
LOAD CIRCUIT FOR
TOTEM-POLE OUTPUTS
Open
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
VOH – 0.3 V
Figure 1. Load Circuit and Voltage Waveforms




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN54AHCT02QUADRUPLE 2-INPUT POSITIVE-NOR GATES 1 2 3 4 5 MoreTI store
SN54HCT02QUADRUPLE 2-INPUT POSITIVE-NOR GATES 1 2 3 4 5 MoreTI store
SN74F36QUADRUPLE 2-INPUT POSITIVE-NOR GATES 1 2 TI store
SN5402QUADRUPLE 2-INPUT POSITIVE-NOR GATES 1 2 3 4 5 MoreTI store
SN54L02Quadruple 2-input positive-nor gates 1 2 3 4 5 MoreTI store
SN54ALS02AQUADRUPLE 2-INPUT POSITIVE-NOR GATES 1 2 3 4 5 MoreTI store
SN54F02QUADRUPLE 2-INPUT POSITIVE-NOR GATES 1 2 3 4 5 TI store
74AC11002QUADRUPLE 2-INPUT POSITIVE-NOR GATES 1 2 3 4 5 TI store
SN54LV02AQUADRUPLE 2-INPUT POSITIVE-NOR GATES 1 2 3 4 5 MoreTI store
SNJ54HC02QUADRUPLE 2-INPUT POSITIVE-NOR GATES 1 2 3 4 5 MoreTI store

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl