Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54ACT86 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part No. SN54ACT86
Description  QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

SN54ACT86 Datasheet(HTML) 2 Page - Texas Instruments

  SN54ACT86 Datasheet HTML 1Page - Texas Instruments SN54ACT86 Datasheet HTML 2Page - Texas Instruments SN54ACT86 Datasheet HTML 3Page - Texas Instruments SN54ACT86 Datasheet HTML 4Page - Texas Instruments SN54ACT86 Datasheet HTML 5Page - Texas Instruments SN54ACT86 Datasheet HTML 6Page - Texas Instruments SN54ACT86 Datasheet HTML 7Page - Texas Instruments SN54ACT86 Datasheet HTML 8Page - Texas Instruments SN54ACT86 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SN54ACT86, SN74ACT86
QUADRUPLE 2INPUT EXCLUSIVEOR GATES
SCAS534C − AUGUST 1995 − REVISED OCTOBER 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
OUTPUT
Y
L
L
L
L
HH
H
LH
H
H
L
exclusive-OR logic
An exclusive-OR gate has many applications, some of which can be represented better by alternative logic
symbols.
= 1
=
2k
2k + 1
LOGIC-IDENTITY ELEMENT
EVEN-PARITY ELEMENT
ODD-PARITY ELEMENT
The output is active (low) if
all inputs stand at the same
logic level (i.e., A = B).
The output is active (low) if
an even number of inputs
(i.e., 0 or 2) are active.
The output is active (high)
if an odd number of inputs
(i.e., only 1 of the 2) are
active.
These five equivalent exclusive-OR symbols are valid for an ’ACT86 gate in positive logic; negation may
be shown at any two ports.
EXCLUSIVE-OR
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±200 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): D package
86
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DB package
96
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
80
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NS package
76
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
113
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN54LVC86AQUADRUPLE 2-INPUT EXCLUSIVE-OR GATES 1 2 3 4 5 MoreTexas Instruments
GD54LS86QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES 1 2 List of Unclassifed Manufacturers
SN54LV86AQUADRUPLE 2-INPUT EXCLUSIVE-OR GATES 1 2 3 4 5 MoreTexas Instruments
SN54LV08AQUADRUPLE 2-INPUT POSITIVE-AND GATES 1 2 3 4 5 MoreTexas Instruments
SN54HCT00QUADRUPLE 2-INPUT POSITIVE-NAND GATES 1 2 3 4 5 MoreTexas Instruments
SN54HCT08QUADRUPLE 2-INPUT POSITIVE-AND GATES 1 2 3 4 5 MoreTexas Instruments
SN54AHC00QUADRUPLE 2-INPUT POSITIVE-NAND GATES 1 2 3 4 5 MoreTexas Instruments
SN54H01QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS 1 2 3 4 5 Texas Instruments
RD74LVC00BQuad 2-input NAND Gates 1 2 3 4 5 MoreRenesas Technology Corp
74AUP1G86Low-power 2-input EXCLUSIVE-OR gate 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn