Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54ACT86 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part No. SN54ACT86
Description  QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN54ACT86 Datasheet(HTML) 14 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN54LVC86AQUADRUPLE 2-INPUT EXCLUSIVE-OR GATES 1 2 3 4 5 MoreTexas Instruments
GD54LS86QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES 1 2 List of Unclassifed Manufacturers
SN54LV86AQUADRUPLE 2-INPUT EXCLUSIVE-OR GATES 1 2 3 4 5 MoreTexas Instruments
SN54LV08AQUADRUPLE 2-INPUT POSITIVE-AND GATES 1 2 3 4 5 MoreTexas Instruments
SN54HCT00QUADRUPLE 2-INPUT POSITIVE-NAND GATES 1 2 3 4 5 MoreTexas Instruments
SN54HCT08QUADRUPLE 2-INPUT POSITIVE-AND GATES 1 2 3 4 5 MoreTexas Instruments
SN54AHC00QUADRUPLE 2-INPUT POSITIVE-NAND GATES 1 2 3 4 5 MoreTexas Instruments
SN54H01QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS 1 2 3 4 5 Texas Instruments
RD74LVC00BQuad 2-input NAND Gates 1 2 3 4 5 MoreRenesas Technology Corp
74AUP1G86Low-power 2-input EXCLUSIVE-OR gate 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn