Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54ACT86 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part No. SN54ACT86
Description  QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

SN54ACT86 Datasheet(HTML) 1 Page - Texas Instruments

  SN54ACT86 Datasheet HTML 1Page - Texas Instruments SN54ACT86 Datasheet HTML 2Page - Texas Instruments SN54ACT86 Datasheet HTML 3Page - Texas Instruments SN54ACT86 Datasheet HTML 4Page - Texas Instruments SN54ACT86 Datasheet HTML 5Page - Texas Instruments SN54ACT86 Datasheet HTML 6Page - Texas Instruments SN54ACT86 Datasheet HTML 7Page - Texas Instruments SN54ACT86 Datasheet HTML 8Page - Texas Instruments SN54ACT86 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SN54ACT86, SN74ACT86
QUADRUPLE 2INPUT EXCLUSIVEOR GATES
SCAS534C − AUGUST 1995 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 4.5-V to 5.5-V VCC Operation
D Inputs Accept Voltages to 5.5 V
D Max tpd of 10 ns at 5 V
D Inputs Are TTL-Voltage Compatible
SN54ACT86 ... J OR W PACKAGE
SN74ACT86 ... D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
SN54ACT86 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
description/ordering information
The ’ACT86 devices are quadruple 2-input exclusive-OR gates. The devices perform the Boolean functions
Y = A
 B or Y = AB + AB in positive logic.
A common application is as a true/complement element. If one of the inputs is low, the other input is reproduced
in true form at the output. If one of the inputs is high, the signal on the other input is reproduced inverted at the
output.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube
SN74ACT86N
SN74ACT86N
SOIC − D
Tube
SN74ACT86D
ACT86
SOIC − D
Tape and reel
SN74ACT86DR
ACT86
−40
°C to 85°C
SOP − NS
Tape and reel
SN74ACT86NSR
ACT86
−40 C to 85 C
SSOP − DB
Tape and reel
SN74ACT86DBR
AD86
TSSOP − PW
Tube
SN74ACT86PW
AD86
TSSOP − PW
Tape and reel
SN74ACT86PWR
AD86
CDIP − J
Tube
SNJ54ACT86J
SNJ54ACT86J
−55
°C to 125°C
CFP − W
Tube
SNJ54ACT86W
SNJ54ACT86W
−55 C to 125 C
LCCC − FK
Tube
SNJ54ACT86FK
SNJ54ACT86FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN54LVC86AQUADRUPLE 2-INPUT EXCLUSIVE-OR GATES 1 2 3 4 5 MoreTexas Instruments
GD54LS86QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES 1 2 List of Unclassifed Manufacturers
SN54LV86AQUADRUPLE 2-INPUT EXCLUSIVE-OR GATES 1 2 3 4 5 MoreTexas Instruments
SN54LV08AQUADRUPLE 2-INPUT POSITIVE-AND GATES 1 2 3 4 5 MoreTexas Instruments
SN54HCT00QUADRUPLE 2-INPUT POSITIVE-NAND GATES 1 2 3 4 5 MoreTexas Instruments
SN54HCT08QUADRUPLE 2-INPUT POSITIVE-AND GATES 1 2 3 4 5 MoreTexas Instruments
SN54AHC00QUADRUPLE 2-INPUT POSITIVE-NAND GATES 1 2 3 4 5 MoreTexas Instruments
SN54H01QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS 1 2 3 4 5 Texas Instruments
RD74LVC00BQuad 2-input NAND Gates 1 2 3 4 5 MoreRenesas Technology Corp
74AUP1G86Low-power 2-input EXCLUSIVE-OR gate 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn