Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SN54ACT86 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part No. SN54ACT86
Description  QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN54ACT86 Datasheet(HTML) 6 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
18-Jul-2006
Addendum-Page 2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN54LVC86AQUADRUPLE 2-INPUT EXCLUSIVE-OR GATES 1 2 3 4 5 MoreTexas Instruments
GD54LS86QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES 1 2 List of Unclassifed Manufacturers
SN54LV86AQUADRUPLE 2-INPUT EXCLUSIVE-OR GATES 1 2 3 4 5 MoreTexas Instruments
SN54LV08AQUADRUPLE 2-INPUT POSITIVE-AND GATES 1 2 3 4 5 MoreTexas Instruments
SN54HCT00QUADRUPLE 2-INPUT POSITIVE-NAND GATES 1 2 3 4 5 MoreTexas Instruments
SN54HCT08QUADRUPLE 2-INPUT POSITIVE-AND GATES 1 2 3 4 5 MoreTexas Instruments
SN54AHC00QUADRUPLE 2-INPUT POSITIVE-NAND GATES 1 2 3 4 5 MoreTexas Instruments
SN54H01QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS 1 2 3 4 5 Texas Instruments
RD74LVC00BQuad 2-input NAND Gates 1 2 3 4 5 MoreRenesas Technology Corp
74AUP1G86Low-power 2-input EXCLUSIVE-OR gate 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn