Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUF-R2SM+ Datasheet(PDF) 2 Page - Mini-Circuits

Part # TUF-R2SM+
Description  High Reliability Mixer Level 7 (LO Power 7 dBm) 50 to 1000 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TUF-R2SM+ Datasheet(HTML) 2 Page - Mini-Circuits

  TUF-R2SM+ Datasheet HTML 1Page - Mini-Circuits TUF-R2SM+ Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
Page 2 of 2
Performance Charts
TUF-R2SM+
CONVERSION LOSS
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
50
240
430
620
810
1000
FREQUENCY (MHz)
LO=+4 dBm
LO=+7 dBm
LO=+10 dBm
at IF Freq of 30 MHz
TUF-R2SM+
L-R ISOLATION
20
30
40
50
60
70
80
50
240
430
620
810
1000
FREQUENCY (MHz)
LO=+4 dBm
LO=+7 dBm
LO=+10 dBm
TUF-R2SM+
RF VSWR
1.0
1.2
1.4
1.6
1.8
50
240
430
620
810
1000
FREQUENCY (MHz)
LO=+4 dBm
LO=+7 dBm
LO=+10 dBm
TUF-R2SM+
L-I ISOLATION
20
30
40
50
60
70
80
50
240
430
620
810
1000
FREQUENCY (MHz)
LO=+4 dBm
LO=+7 dBm
LO=+10 dBm
TUF-R2SM+
LO VSWR
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
50
240
430
620
810
1000
FREQUENCY (MHz)
LO=+4 dBm
LO=+7 dBm
LO=+10 dBm
TUF-R2SM+
IF VSWR
1.0
1.5
2.0
2.5
3.0
50
240
430
620
810
1000
FREQUENCY (MHz)
LO=+4 dBm
LO=+7 dBm
LO=+10 dBm
TUF-2SM+


Similar Part No. - TUF-R2SM+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TUF-R2LHSM MINI-TUF-R2LHSM Datasheet
259Kb / 2P
   High Reliability Mixer Level 10 (LO Power 10 dBm) 50 to 1000 MHz
TUF-R2LHSM++ MINI-TUF-R2LHSM+ Datasheet
259Kb / 2P
   High Reliability Mixer Level 10 (LO Power 10 dBm) 50 to 1000 MHz
TUF-R2MHSM MINI-TUF-R2MHSM Datasheet
266Kb / 2P
   High Reliability Mixer Level 13 (LO Power 13 dBm) 50 to 1000 MHz
TUF-R2MHSM++ MINI-TUF-R2MHSM+ Datasheet
266Kb / 2P
   High Reliability Mixer Level 13 (LO Power 13 dBm) 50 to 1000 MHz
More results

Similar Description - TUF-R2SM+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-R901 MINI-ADE-R901 Datasheet
230Kb / 2P
   High Reliability Mixer Level 7 (LO Power 7 dBm) 300 to 1000 MHz
ADE-R11X MINI-ADE-R11X Datasheet
170Kb / 2P
   High Reliability Mixer Level 7 (LO Power 7 dBm) 10 to 2000 MHz
ADE-R6 MINI-ADE-R6 Datasheet
227Kb / 2P
   High Reliability Mixer Level 7 (LO Power 7 dBm) 0.15 to 250 MHz
ADE-R20 MINI-ADE-R20 Datasheet
224Kb / 2P
   High Reliability Mixer Level 7 (LO Power 7 dBm) 1500 to 2800 MHz
TUF-R3SM MINI-TUF-R3SM Datasheet
263Kb / 2P
   High Reliability Mixer Level 7 (LO Power 7 dBm) 0.25 to 400 MHz
TUF-R5SM MINI-TUF-R5SM Datasheet
258Kb / 1P
   High Reliability Mixer Level 7 (LO Power 7 dBm) 20 to 1500 MHz
TUF-R1SM MINI-TUF-R1SM Datasheet
268Kb / 2P
   High Reliability Mixer Level 7 (LO Power 7 dBm) 5 to 600 MHz
SCM-2++ MINI-SCM-2+ Datasheet
196Kb / 2P
   Frequency Mixer Level 7 (LO Power 7 dBm) 5 to 1000 MHz
JMS-2 MINI-JMS-2 Datasheet
328Kb / 2P
   Surface Mount Frequency Mixer Level 7 (LO Power 7 dBm) 20 to 1000 MHz
TUF-R2LHSM MINI-TUF-R2LHSM Datasheet
259Kb / 2P
   High Reliability Mixer Level 10 (LO Power 10 dBm) 50 to 1000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com