Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHP-400 Datasheet(PDF) 1 Page - Mini-Circuits

Part # SHP-400
Description  SpecificationsHigh 50廓 395 to 3200 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SHP-400 Datasheet(HTML) 1 Page - Mini-Circuits

  SHP-400 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
minicircuits.com
TM
IF/RF MICROWAVE COMPONENTS
Applications
• labuse
• transmitters/receivers
• radiocommunications
SHP-400+
REV.C
M120055
SHP-400+
090123
50
Ω395to3200MHz
CASESTYLE:FF99
Connectors Model
Price
Qty.
SMA
SHP-400+
$38.95ea. (1-9)
electrical schematic
typical frequency response
High Pass Filter Electrical Specifications
High Pass Filter
Coaxial
STOPBAND
(MHz)
fco (MHz)
Nom.
PASSBAND
(MHz)
VSWR
(:1)
(loss>40dB)
(loss>20dB)
(loss3dB)
(loss<1dB)
Stopband
Typ.
Passband
Typ.
DC-210
210-290
360
395-3200
17
1.7
RF IN
RF OUT
20
40
3
1
Frequency/fco
DC
.5
.75 1 1.1
Features
• ruggedshieldedcase
• otherstandardandcustomSHPmodelsavailable
withwideselectionoffco
Outline Drawing
Outline Dimensions (
)
inch
mm
B
D
E
wt
.67
1.98
.312 grams
17.02 50.29
7.92
42.0
Maximum Ratings
OperatingTemperature
-55°Cto100°C
StorageTemperature
-55°Cto100°C
RFPowerInput
0.5Wmax.
Frequency
(MHz)
Insertion Loss
(dB)
Return Loss
(dB)
Frequency
(MHz)
Group Delay
(nsec)
_
x
σ
INSERTION LOSS
0
1
10
100
0
1000
2000
3000
4000
FREQUENCY (MHz)
at RF level of 0 dBm
RETURN LOSS
0
5
10
15
20
25
30
35
0
1000
2000
3000
4000
FREQUENCY (MHz)
at RF level of 0 dBm
GROUP DELAY
0.1
1.0
10.0
100.0
0
1000
2000
3000
4000
FREQUENCY (MHz)
at RF level of 0 dBm
Typical Performance Data
10.00
73.49
3.76
0.05
10.00
17.71
100.00
92.04
7.79
0.05
100.00
57.88
150.00
76.80
1.38
0.11
150.00
0.94
175.00
64.86
0.57
0.09
175.00
0.34
200.00
55.25
0.43
0.10
200.00
1.22
240.00
41.38
0.57
0.17
240.00
1.56
241.00
41.06
0.57
0.17
241.00
1.56
242.00
40.72
0.57
0.18
242.00
1.57
243.00
40.39
0.58
0.17
243.00
1.57
244.00
40.06
0.58
0.18
244.00
1.58
245.00
39.73
0.58
0.18
245.00
1.61
246.00
39.40
0.57
0.18
246.00
1.60
247.00
39.07
0.59
0.18
247.00
1.60
250.00
38.09
0.59
0.18
250.00
1.61
275.00
29.94
0.66
0.22
275.00
1.96
300.00
21.83
0.75
0.33
300.00
2.53
301.00
21.50
0.75
0.33
301.00
2.56
302.00
21.18
0.76
0.34
302.00
2.59
360.00
3.31
0.67
4.07
360.00
6.64
380.00
0.95
0.19
11.83
380.00
6.00
400.00
0.53
0.01
21.31
400.00
4.41
500.00
0.31
0.02
23.56
500.00
2.06
600.00
0.32
0.03
17.14
600.00
1.35
700.00
0.26
0.02
19.37
700.00
1.02
800.00
0.22
0.01
24.00
800.00
0.83
900.00
0.20
0.01
28.18
900.00
0.71
1000.00
0.19
0.01
29.90
1000.00
0.61
2000.00
0.27
0.02
18.44
2000.00
0.35
3000.00
0.30
0.03
17.29
3000.00
0.31
4000.00
0.34
0.01
21.10
4000.00
0.30
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.


Similar Part No. - SHP-400

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SHP-400++ MINI-SHP-400+ Datasheet
282Kb / 1P
   LOW PASS & HIGH PASS FILTERS
More results

Similar Description - SHP-400

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
NHP-400 MINI-NHP-400 Datasheet
84Kb / 1P
   High Pass Filter 50廓 395 to 3200 MHz
BHP-400 MINI-BHP-400 Datasheet
97Kb / 1P
   High Pass Filter 50廓 395 to 3200 MHz
NHP-500 MINI-NHP-500 Datasheet
84Kb / 1P
   High Pass Filter 50廓 500 to 3200 MHz
BHP-500 MINI-BHP-500 Datasheet
127Kb / 1P
   High Pass Filter 50廓 500 to 3200 MHz
SHP-500 MINI-SHP-500 Datasheet
132Kb / 1P
   High Pass Filter 50廓 500 to 3200 MHz
DSN-2000A-219++ MINI-DSN-2000A-219+ Datasheet
806Kb / 11P
   50廓 1200 to 2200 MHz
JDC-20-5 MINI-JDC-20-5 Datasheet
313Kb / 1P
   Directional Coupler 50廓 50 to 1500 MHz
JDC-20-1W MINI-JDC-20-1W Datasheet
307Kb / 1P
   Directional Coupler 50廓 50 to 750 MHz
logo
Tyco Electronics
A43 MACOM-A43 Datasheet
104Kb / 1P
   100 TO 3200 MHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
A43 MA-COM-A43_15 Datasheet
648Kb / 3P
   Cascadable Amplifier 100 to 3200 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com