Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPP150PS48 Datasheet(PDF) 1 Page - XP Power Limited

Part # CPP150PS48
Description  Single Output Enclosed Switchers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CPP150PS48 Datasheet(HTML) 1 Page - XP Power Limited

  CPP150PS48 Datasheet HTML 1Page - XP Power Limited CPP150PS48 Datasheet HTML 2Page - XP Power Limited CPP150PS48 Datasheet HTML 3Page - XP Power Limited CPP150PS48 Datasheet HTML 4Page - XP Power Limited CPP150PS48 Datasheet HTML 5Page - XP Power Limited CPP150PS48 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
85-264 VAC Universal Input
Single Outputs
High Reliability
Power Factor Corrected
Remote Control Available
Parallel Operation Available
Din Rail Mounting Accessories Available
Input
Input Voltage
85-264 VAC
Power Factor
0.95 typical (230 V) up to 0.99 at 100 V
(CPP50 & above only) at full load
Input Frequency
47-63 Hz
Inrush Current
40 A max
Output
Hold Up Time
20 ms typical at low line & full load
(100 ms typical at 230 V)
Output Voltage
See Table
Remote Control
Standard on 300 & 600 watt models
Optional on all others add suffix ‘-R’
Voltage Adjustment
±10%trim min
(-5% to +20% 3 V models)
Line Regulation
0.4% max over input range
Load Regulation
0.8% max for 100% load change
Ripple & Noise
40 mV pk-pk typical (150 mV max)
Overload Protection
Operates at >105% of rating &
recovers automatically
(300 & 600 W constant current)
Overvoltage
115-140%
Protection
(except 3 V units : 4.00-5.25 V )
Temperature
0.02%/°C
Coefficient
General
LED Indicator
Indicates output on
Parallel Operation
Master/Slave operation available -
300 & 600 watt models -
Contact Sales for details
Efficiency
Ranges 65% (3 V) to 80% (24 V) output
Leakage Current
0.75 mA max at 60 Hz
Mounting Options
See DIN, Wall & Panel Mounting
Accessories
Environmental
Operating
-10 °C to +65 °C,
Temperature
derate above 50 °C - Contact Office
Storage Temperature •
-20 °C to +75 °C
Relative Humidity
20-90% RH
Vibration
20 G, 11 ms once each X, Y & Z axis
EMC & Safety
Safety Approvals
EN60950, UL1950, CSA22.2 No. 234,
VDE 0160
Immunity
IEC 1000-3-2
EMC
CISPR22 Level B, FCC Level B
15-600 Watts
CPP Series
Single Output Enclosed Switchers
Specification
T HE XP ERTS I N P OWER
www.xpplc.com
sales@xpplc.com


Similar Part No. - CPP150PS48

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CPP12WBL PANDUIT-CPP12WBL Datasheet
142Kb / 1P
   Mini-Com 12-Port Modular Faceplate Patch Panels
More results

Similar Description - CPP150PS48

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GEM600 SLPOWER-GEM600 Datasheet
315Kb / 4P
   600W Single Output Economy/Technology Switchers
logo
XP Power Limited
CPC15UT1 XPPOWER-CPC15UT1 Datasheet
963Kb / 4P
   Triple Output Switchers
logo
SL Power Electronics
GLC65 SLPOWER-GLC65 Datasheet
309Kb / 2P
   65 Watt Single Output Global Performance Switchers
GSM7 SLPOWER-GSM7 Datasheet
53Kb / 2P
   7 Watt Single Output Global Performance Switchers
logo
List of Unclassifed Man...
GLM75-12 ETC2-GLM75-12 Datasheet
203Kb / 2P
   75 Watt Single Output Global Performance Switchers
GLM75-24G ETC2-GLM75-24G Datasheet
203Kb / 2P
   75 Watt Single Output Global Performance Switchers
logo
SL Power Electronics
GLM65-5 SLPOWER-GLM65-5 Datasheet
309Kb / 2P
   65 Watt Single Output Global Performance Switchers
logo
Recom International Pow...
RACM150-S RECOM-RACM150-S Datasheet
429Kb / 5P
   150 Watt Enclosed Case Style Single Output
RACM150 RECOM-RACM150 Datasheet
360Kb / 4P
   150 Watt Enclosed Case Style Single Output
RACM100-S RECOM-RACM100-S Datasheet
405Kb / 5P
   100 Watt Enclosed Case Style Single Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com