Electronic Components Datasheet Search |
|
SHP-250 Datasheet(PDF) 1 Page - Mini-Circuits |
|
SHP-250 Datasheet(HTML) 1 Page - Mini-Circuits |
|
1 / 1 page ISO 9001 ISO 14001 CERTIFIED Mini-Circuits® P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com RF/IF MICROWAVE COMPONENTS minicircuits.com ALL NE W Maximum Ratings Operating Temperature -55°C to 100°C Storage Temperature -55°C to 100°C RF Power Input 0.5W max. Applications • lab use • transmitters/receivers • radio communications SHP-250+ REV. C M113397 SHP-250+ 080213 50 Ω 225 to 3000 MHz CASE STYLE: FF99 Connectors Model Price Qty. SMA SHP-250+ $38.95 ea. (1-9) electrical schematic typical frequency response High Pass Filter Electrical Specifications High Pass Filter Coaxial STOPBAND (MHz) fco (MHz) Nom. PASSBAND (MHz) VSWR (:1) (loss > 40 dB) (loss > 20 dB) (loss 3 dB) (loss <1 dB) Stopband Typ. Passband Typ. DC-100 100-150 205 225-3000 17 1.3 RF IN RF OUT 20 40 3 1 Frequency/fco DC .5 .75 1 1.1 Features • rugged shielded case • other standard and custom SHP models available with wide selection of fco Outline Drawing Outline Dimensions ( ) inch mm B D E wt .67 1.98 .312 grams 17.02 50.29 7.92 42.0 Frequency (MHz) Insertion Loss (dB) Return Loss (dB) Frequency (MHz) Group Delay (nsec) _ x σ INSERTION LOSS 0 1 10 100 0 600 1200 1800 2400 3000 FREQUENCY (MHz) at RF level of 0 dBm RETURN LOSS 0 5 10 15 20 25 30 35 40 0 600 1200 1800 2400 3000 FREQUENCY (MHz) at RF level of 0 dBm GROUP DELAY 0.0 2.0 4.0 6.0 8.0 10.0 12.0 0 600 1200 1800 2400 3000 FREQUENCY (MHz) at RF level of 0 dBm Typical Performance Data 10.00 72.15 5.67 0.03 100.00 2.23 100.00 57.26 0.27 0.08 129.00 2.63 129.00 41.25 0.45 0.17 130.00 2.59 130.00 40.71 0.46 0.18 140.00 2.90 140.00 35.39 0.54 0.20 150.00 3.17 150.00 30.09 0.62 0.22 160.00 3.63 160.00 24.78 0.73 0.26 166.00 4.00 166.00 21.57 0.80 0.29 170.00 4.32 170.00 19.43 0.85 0.34 180.00 5.39 180.00 14.04 0.97 0.53 190.00 7.09 190.00 8.77 1.03 1.02 199.00 9.19 199.00 4.65 0.89 2.21 200.00 9.41 200.00 4.26 0.86 2.43 201.00 9.63 201.00 3.90 0.83 2.67 202.00 9.83 202.00 3.56 0.79 2.93 203.00 10.02 203.00 3.24 0.75 3.23 204.00 10.18 204.00 2.94 0.70 3.56 205.00 10.32 205.00 2.66 0.66 3.91 206.00 10.43 206.00 2.41 0.61 4.31 210.00 10.58 210.00 1.60 0.42 6.27 225.00 8.03 225.00 0.55 0.03 23.49 300.00 2.94 300.00 0.30 0.02 30.05 400.00 1.59 500.00 0.19 0.00 33.64 500.00 1.09 600.00 0.19 0.00 30.85 600.00 0.83 700.00 0.19 0.01 28.81 700.00 0.67 800.00 0.20 0.01 28.48 800.00 0.58 900.00 0.20 0.01 29.04 900.00 0.52 1000.00 0.20 0.00 29.79 1000.00 0.47 2000.00 0.29 0.00 27.11 2000.00 0.34 3000.00 0.51 0.02 16.22 3000.00 0.32 + RoHS compliant in accordance with EU Directive (2002/95/EC) The +Suffix has been added in order to identify RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications. |
Similar Part No. - SHP-250 |
|
Similar Description - SHP-250 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |