Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPM40048S28 Datasheet(PDF) 1 Page - XP Power Limited

Part # CPM40048S28
Description  Component Power DC-DC Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CPM40048S28 Datasheet(HTML) 1 Page - XP Power Limited

  CPM40048S28 Datasheet HTML 1Page - XP Power Limited CPM40048S28 Datasheet HTML 2Page - XP Power Limited CPM40048S28 Datasheet HTML 3Page - XP Power Limited CPM40048S28 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low Profile
Industry Standard Footprint
Wide Operating Temperature
Parallel Operation
Remote ON/OFF
Adjustable Output
Overvoltage & Overload Protection
Input
Input Voltage
18-36 VDC
36-76 VDC
45-160 VDC
88-370 VDC
200-400 VDC
(see tables)
Output
Output Voltage
See Tables
Output Voltage
±10% CPM50 & 100,
Adjustment
60-110% CPM150 ,CPM200 &
CPM400, 80-110% CPM600
Minimum Load
No minimum load required
Start Up Delay
200 ms max (100% load)
Initial Set Accuracy
±4.0% max
Drift
±0.5% max
Line Regulation
±0.5% max
Load Regulation
±0.9% max
Ripple & Noise
200 mV pk-pk (0°C to +85°C)
Overload
Operates at >105% of rated current,
Protection
recovers automatically
Overvoltage
Operates at between 115-140% of
Protection
rating recycle input to reset
Remote Sense
Compensates for 300mV min
if not required then sense connections
must be made locally ie +S to +Vout
and -S to -Vout
Remote ON/OFF
Standard on all models
General
Efficiency
Up to 89% dependant on model
Isolation
3 kVAC Input to Output
2 kVAC Input to Baseplate
500 VDC Output to Baseplate
Switching Frequency •
500 kHz - CPM50 & 100
370 kHz - CPM150, CPM200, 400 & 600
Parallel Operation
Current share pin provided on all
except 50 W models, derate max
current by 10% per module
Environmental
Operating
-10 °C to +85°C CPM50 & CPM100,
Temperature
-20 °C to +85°C CPM150, CPM200,
CPM400 & CPM600 (baseplate)
Storage
-40 °C to +85 °C
Temperature
Relative Humidity
20-95% non-condensing
Shock
20 G for 11 ms once each along
X, Y & Z axis
Vibration
10-55 Hz 5 G for 3 min periods,
over 60 mins along each X, Y & Z axis
Safety
Emissions
EN55022 Level A conducted
EN55022 Level A radiated
Contact sales for Application Note
ESD Susceptibility
EN61000-4-2 Level 2
Radiated
Susceptibility
EN61000-4-3 Level 3
EFT/Burst
EN61000-4-4 Level 3
Surge
EN61000-4-5 Level 3
Safety Approvals
UL1950, C-UL, EN60950, VDE0160
IEC950
50-700 Watts
CPM Series
Component Power DC-DC Modules
Specification
T HE XP ERTS I N P OWER
www.xpplc.com
sales@xpplc.com


Similar Part No. - CPM40048S28

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
CPM OHMITE-CPM Datasheet
371Kb / 2P
   Precision Multi-Turn Potentiometers
logo
CUI INC
CPM-2F CUI-CPM-2F Datasheet
370Kb / 2P
   peltier cooling unit
CPM-2F CUI-CPM-2F Datasheet
155Kb / 3P
   6.0 A PELTIER UNIT
CPM-2F CUI-CPM-2F_12 Datasheet
155Kb / 3P
   6.0 A PELTIER UNIT
logo
Ohmite Mfg. Co.
CPM03A10K0E OHMITE-CPM03A10K0E Datasheet
371Kb / 2P
   Precision Multi-Turn Potentiometers
More results

Similar Description - CPM40048S28

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
HA1SV12004 DELTA-HA1SV12004 Datasheet
893Kb / 11P
   50W DC/DC Power Modules
Q48SC12042 DELTA-Q48SC12042 Datasheet
1Mb / 26P
   500W DC/DC Power Modules
Q48SK12448NNFB DELTA-Q48SK12448NNFB Datasheet
761Kb / 10P
   600W DC/DC Power Modules
E48SC12030 DELTA-E48SC12030 Datasheet
1Mb / 27P
   360W DC/DC Power Modules
E48SD12020 DELTA-E48SD12020_14 Datasheet
935Kb / 28P
   240W DC/DC Power Modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
logo
Delta Electronics, Inc.
E48SC12025 DELTA-E48SC12025 Datasheet
1Mb / 28P
   300W DC/DC Power Modules
V48SC3R315 DELTA-V48SC3R315 Datasheet
906Kb / 15P
   50W DC/DC Power Modules
V48SC3R320 DELTA-V48SC3R320_14 Datasheet
888Kb / 16P
   66W DC/DC Power Modules
V48SC05017 DELTA-V48SC05017_14 Datasheet
630Kb / 16P
   85W DC/DC Power Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com