Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCH5048S05 Datasheet(PDF) 1 Page - XP Power Limited

Part # DCH5048S05
Description  DC-DC High Power
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DCH5048S05 Datasheet(HTML) 1 Page - XP Power Limited

  DCH5048S05 Datasheet HTML 1Page - XP Power Limited DCH5048S05 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Upto 89% Efficiency
-40 °C Operation
High Reliability
Industry Standard Package
Overcurrent Protection
-40% to +10% Adjustment
2:1 Input Voltage Range
Input
Input Voltage
18-36 VDC, 36-76 VDC
Output
Output Voltage
See Tables
Output Voltage
60-110% (60-105% for input of
Adjustment
36-40 VDC & 18-20 VDC)
Minimum Load
No minimum load required
Start Up Delay
200 ms max (nom Vin & 100% load)
Initial Set Accuracy
-3/+5% typically
Drift
±0.9% max
Line Regulation
See Table
Load Regulation
See Table
Ripple & Noise
200-250 mV pk-pk depending on
model 20 MHz bandwidth
Overvoltage
See Table recycle input to reset
Protection
Overcurrent
Operates at >105% of rated current
Protection
auto recovery
Overtemperature
Baseplate >+100 °C thermal protection
Protection
is activated & output voltage is
shutdown, after cooling recycle
input to reset
Temperature
±0.03%/°C max
Coefficient
Remote Sense
Compensates for 0.3 V line drop max,
when not used the remote sense
terminals must be connected locally
Remote ON/OFF
Negative logic L: (or short) ON,
H: (or open) OFF
(for positive logic add suffix ‘-R’ to
model number)
General
Efficiency
79-89% (See Tables)
Isolation
1500 VDC Input to Output
1500 VDC Input to Ground
500 VDC Output to Ground
Switching Frequency •
370 kHz (310 kHz DCH50)
Heatsinks
Contact Sales
Environmental
Operating
-40 °C to +100 °C baseplate
Temperature
Storage
-40 °C to +100 °C
Temperature
Humidity
20-95% RH non-condensing
Operating Altitude
9000 m
Shock
20 G, 11 ms once each
along X, Y & Z axis
Vibration
5 G 10-55 Hz
3 mins period for 60 mins each
along X, Y & Z axis
EMC & Safety
Emissions
EN55022 Level B conducted
EN55022 Level B radiated
External components required
Contact Sales for Application Note
ESD Susceptibility
EN61000-4-4 Level 2
Radiated
EN61000-4-3 Level 3
Susceptibility
EFT/Burst
EN61000-4-4 Level 3
Surge
EN61000-4-5 Level 3
Safety Approvals
UL1950, c-UL, EN60950
50-200 Watts
DCH Series
DC-DC High Power
Specification
T HE XP ERTS I N P OWER
www.xpplc.com
sales@xpplc.com


Similar Part No. - DCH5048S05

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DCH5 ARTESYN-DCH5 Datasheet
1Mb / 4P
   Overload and short circuit protection
logo
Emerson Network Power
DCH5-050AU EMERSON-NETWORKPOWER-DCH5-050AU Datasheet
869Kb / 4P
   Embedded Power for Business-Critical Continuity
logo
Artesyn Technologies
DCH5-050AU ARTESYN-DCH5-050AU Datasheet
1Mb / 4P
   DCH5 Series 5 Watts
DCH5-050AU ARTESYN-DCH5-050AU Datasheet
1Mb / 4P
   Overload and short circuit protection
logo
Emerson Network Power
DCH5-050EU EMERSON-NETWORKPOWER-DCH5-050EU Datasheet
869Kb / 4P
   Embedded Power for Business-Critical Continuity
More results

Similar Description - DCH5048S05

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRS2191S IRF-AUIRS2191S Datasheet
283Kb / 19P
   High power DC-DC SMPS converters
logo
Linear Technology
LT1339 LINER-LT1339 Datasheet
415Kb / 20P
   High Power Synchronous DC/DC Controller
LT1339 LINER-LT1339_15 Datasheet
298Kb / 20P
   High Power Synchronous DC/DC Controller
logo
Cyntec Co., Ltd.
VPN12AD1E-FU CYNTEC-VPN12AD1E-FU Datasheet
815Kb / 12P
   High Efficiency DC/DC Power Module
logo
DENSEI-LAMBDA
PAF500F48 LAMBDA-PAF500F48 Datasheet
87Kb / 1P
   High Power DC-DC Module 500W ~ 700W?
logo
PREMO CORPORATION S.L
P015FW1CX1 PREMO-P015FW1CX1 Datasheet
119Kb / 1P
   High power planar transformer for DC/DC
logo
Intersil Corporation
ISL8204M INTERSIL-ISL8204M Datasheet
1Mb / 20P
   Complete High Efficiency DC/DC Power Module
logo
Renesas Technology Corp
ISL8204M RENESAS-ISL8204M Datasheet
1Mb / 19P
   Complete High Efficiency DC/DC Power Module
logo
Minmax Technology Co., ...
MJWI10 MINMAX-MJWI10 Datasheet
346Kb / 5P
   DC/DC CONVERTER 10W, High Power Density
logo
Linear Technology
LT1680 LINER-LT1680 Datasheet
322Kb / 16P
   High Power DC/DC Step-Up Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com