Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCM6048S12 Datasheet(PDF) 2 Page - XP Power Limited

Part # DCM6048S12
Description  DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DCM6048S12 Datasheet(HTML) 2 Page - XP Power Limited

  DCM6048S12 Datasheet HTML 1Page - XP Power Limited DCM6048S12 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15-Oct-07
DCM
Models and Ratings
Output Connector J2
Pin
Single
1
+12V
2
+12V
3
RTN
4
RTN
5
NC
6
NC
Mechanical Details
Notes
1. All dimensions in inches (mm). Tolerance .xx = ±0.02 (0.50); .xxx = ±0.01 (0.25)
2. Cover kits available separately, order part number no. ECM40/60 COVER (4.49 x 2.52 x 1.52 (114 x 64 x 38.5)) for DCM60 or
part no. ECM100 COVER (4.96 x 3.05 x 1.52 (126 x 77.5 x 38.5)) for DCM100. Output power derates by 20% with cover fitted.
Notes
1. For a fitted cover version, add suffix “C” to model number (power derates by 20% with cover fitted)
6
J2
1
1
2
J1
4X ø 0.156 (3.96) MOUNTING HOLES
ø0.312 (7.92) CLEARANCE TOP AND BOTTOM
GROUND CONNECTIONS
THROUGH MOUNTING HOLES
2.00
(50.8)
1.750
(44.45)
3.750 (95.25)
4.00 (101.6)
0.125 (3.17)
0.125 (3.18)
0.20 (5.1)
0.87 (22.2)
1.61 (41.0)
0.21 (5.4)
SMD COMPONENT HEIGHT
0.14 (3.5)
1.20 (30.5)
+
12
J2
1
1
2
J1
SMD COMPONENT HEIGHT
2.50
(63.5)
2.25
(57.15)
4.25 (107.95)
4.50 (114.3)
0.14 (3.5)
0.125 (3.17)
0.125 (3.18)
2.10 (53.3)
.20 (5.1)
0.20 (5.1)
1.29 (32.8)
1.20 (30.5)
4X ø 0.156 (3.96) MOUNTING HOLES
ø0.312 (7.92) CLEARANCE TOP AND BOTTOM
GROUND CONNECTIONS
THROUGH MOUNTING HOLES
Input Connector J1
Pin 1
-Vin
Pin 2
+Vin
J1 mates with
Molex housing 43061-0003 &
Molex series 5194 crimp terminals
J2 mates with
Molex housing 43061-0006 &
Molex series 5194 crimp terminals
Output Connector J2
Pin
Single
1
+12V
2
+12V
3
+12V
4
+12V
5
RTN
6
RTN
7
RTN
8
RTN
9
NC
10
NC
11
NC
12
NC
Input Connector J1
Pin 1
-Vin
Pin 2
+Vin
J1 mates with
Molex housing 43061-0003 &
Molex series 5194 crimp terminals
Output Voltage
Output Current
Model
Number
Min
Max - Convection-cooling
Max - 5CFM forced-cooling
12 V
0.25 A
5.00 A
5.00 A
DCM6048S12
12 V
0.40 A
7.50 A
8.30 A
DCM10048S12
DCM60
DCM100
J2 mates with
Molex housing 43061-0012 &
Molex series 5194 crimp terminals


Similar Part No. - DCM6048S12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DCM6048S12 XPPOWER-DCM6048S12 Datasheet
600Kb / 2P
   Open Frame Telecom DCDC Converter
More results

Similar Description - DCM6048S12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com