Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D-60A Datasheet(PDF) 2 Page - XP Power Limited

Part # D-60A
Description  60W Dual Output Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

D-60A Datasheet(HTML) 2 Page - XP Power Limited

  D-60A Datasheet HTML 1Page - XP Power Limited D-60A Datasheet HTML 2Page - XP Power Limited D-60A Datasheet HTML 3Page - XP Power Limited D-60A Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MechanicalSpecification
CaseNo.901Unit:mm
StaticCharacteristics(B)
FileName:D-60-SPEC2005-09-13
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(V)60Hz
-10
-10
0
0
20
10
30
40
20
40
80
60
100
60
55
50
45
(HORIZONTAL)
(VERTICAL)
Ta=25
TerminalPin.No Assignment
PinNo.
PinNo.
1
2
4
3
5
6,7
Assignment
Assignment
DCOUTPUT +V2
DCOUTPUT +V1
DCOUTPUT COM
FG
AC/L
AC/N
+24V
+5V
+24V
+5V
25
19
21
20
24
23
22
240
260
220
140
160
200
180
100
120
80
300
250
200
100
150
50
25
4.8
5.0
5.2
4.4
4.6
4.2
60
4.0
4.5
152.5
2-M
3
150
6.5
78
24
159
22
117
3-M
3
3.5
7
6
5
4
3
2
1
OutputDerating
60WDualOutputSwitchingPowerSupply
D - 6 0 series


Similar Part No. - D-60A

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
D-60A TOTAL-POWER-D-60A Datasheet
32Kb / 1P
   TOTAL POWER INT. D60 AC-DC 60W POWER SUPPLY WITH DUAL OUTPUT
logo
Mean Well Enterprises C...
D-60A MEANWELL-D-60A Datasheet
385Kb / 2P
   60W Dual Output Switching Power Supply
logo
RSG Electronic Componen...
D-60A RSG-D-60A Datasheet
159Kb / 2P
   60W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
D-60A MEANWELL-D-60A Datasheet
392Kb / 2P
   60W Dual Output Switching Power Supply
More results

Similar Description - D-60A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
D-60 MEANWELL-D-60 Datasheet
385Kb / 2P
   60W Dual Output Switching Power Supply
D-60 MEANWELL-D-60_10 Datasheet
392Kb / 2P
   60W Dual Output Switching Power Supply
logo
RSG Electronic Componen...
D-60A RSG-D-60A Datasheet
159Kb / 2P
   60W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
ID-60B MEANWELL-ID-60B_10 Datasheet
393Kb / 2P
   60W Isolated Dual Output Switching Power Supply
ID-60B MEANWELL-ID-60B Datasheet
386Kb / 2P
   60W Isolated Dual Output Switching Power Supply
NPF-60D MEANWELL-NPF-60D Datasheet
147Kb / 6P
   60W Single Output Switching Power Supply
Q-60 MEANWELL-Q-60 Datasheet
411Kb / 2P
   60W Quad Output Switching Power Supply
CLG-60 MEANWELL-CLG-60 Datasheet
212Kb / 2P
   60W Single Output Switching Power Supply
logo
RSG Electronic Componen...
S-60 RSG-S-60 Datasheet
166Kb / 2P
   60W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-60 MEANWELL-S-60_10 Datasheet
415Kb / 2P
   60W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com