Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPP30US05 Datasheet(PDF) 4 Page - XP Power Limited

Part # CPP30US05
Description  Single Output Enclosed Switchers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CPP30US05 Datasheet(HTML) 4 Page - XP Power Limited

  CPP30US05 Datasheet HTML 1Page - XP Power Limited CPP30US05 Datasheet HTML 2Page - XP Power Limited CPP30US05 Datasheet HTML 3Page - XP Power Limited CPP30US05 Datasheet HTML 4Page - XP Power Limited CPP30US05 Datasheet HTML 5Page - XP Power Limited CPP30US05 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Mechanical Details - 50 Watt Models
Mechanical Details - 75 Watt Models
I/O Connector
Mating Connector
(Terminal)
CN1 5289-4A
2390V4(5167)
5199-04(5194)
CN2 5277-4A
5265-04(5167)
5196-04(5194)
Molex Connector
CONNECTOR & TERMINAL BLOCK TYPE
CN3 option (Mfr:JST).
Model B2B-XH-A
Mating Connector (Terminal)
XHP2
(BXH-001T-P0.6 or SXH001T-P0.6)
I/O Connector
Mating Connector
(Terminal)
CN1 5289-4A
2390V4(5167)
5199-04(5194)
CN2 5277-4A
5265-04(5167)
5196-04(5194)
Molex Connector
Pin No.
Function
1
RC (–)
2
RC (+)
Pin Assignment
CONNECTOR & TERMINAL BLOCK TYPE
CN3 option (Mfr:JST).
Model B2B-XH-A
Mating Connector (Terminal)
XHP2
(BXH-001T-P0.6 or SXH001T-P0.6)
“-J” Option
Molex Connectors
“-J” Option
Molex Connectors
www.xpplc.com
sales@xpplc.com
Weight: 0.4 kg.
Cover is optional.
Tolerance: ±1.
Dimensions in mm.
DIN Rail bracket option available, order part no. F-DIN-2.
Base plate fixing option available, order part no. F-CPP50-1.
Wall fixing option available, order part no. F-CPP50-2.
Weight: 0.5 kg.
Cover is optional.
Tolerance: ±1.
Dimensions in mm.
Base plate fixing option available, order part no. F-CPP75-1.
Wall fixing option available, order part no. F-CPP75-2.
Pin No.
Function
1
RC (–)
2
RC (+)
Pin Assignment


Similar Part No. - CPP30US05

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CPP-22-3S FERROXCUBE-CPP-22-3S Datasheet
39Kb / 1P
   CPP-P22/13-3S
CPP-P13-3S FERROXCUBE-CPP-P13-3S Datasheet
39Kb / 1P
   CPP-P22/13-3S
CPP-P13-3S-A FERROXCUBE-CPP-P13-3S-A Datasheet
27Kb / 1P
   CPP-P22/13-3S-A
CPP-P16-1S FERROXCUBE-CPP-P16-1S Datasheet
38Kb / 1P
   CPP-P26/16-1S
CPP-P16-1S-A FERROXCUBE-CPP-P16-1S-A Datasheet
28Kb / 1P
   CPP-P26/16-1S-A
More results

Similar Description - CPP30US05

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GEM600 SLPOWER-GEM600 Datasheet
315Kb / 4P
   600W Single Output Economy/Technology Switchers
logo
XP Power Limited
CPC15UT1 XPPOWER-CPC15UT1 Datasheet
963Kb / 4P
   Triple Output Switchers
logo
SL Power Electronics
GLC65 SLPOWER-GLC65 Datasheet
309Kb / 2P
   65 Watt Single Output Global Performance Switchers
GSM7 SLPOWER-GSM7 Datasheet
53Kb / 2P
   7 Watt Single Output Global Performance Switchers
logo
List of Unclassifed Man...
GLM75-12 ETC2-GLM75-12 Datasheet
203Kb / 2P
   75 Watt Single Output Global Performance Switchers
GLM75-24G ETC2-GLM75-24G Datasheet
203Kb / 2P
   75 Watt Single Output Global Performance Switchers
logo
SL Power Electronics
GLM65-5 SLPOWER-GLM65-5 Datasheet
309Kb / 2P
   65 Watt Single Output Global Performance Switchers
logo
Recom International Pow...
RACM150-S RECOM-RACM150-S Datasheet
429Kb / 5P
   150 Watt Enclosed Case Style Single Output
RACM150 RECOM-RACM150 Datasheet
360Kb / 4P
   150 Watt Enclosed Case Style Single Output
RACM100-S RECOM-RACM100-S Datasheet
405Kb / 5P
   100 Watt Enclosed Case Style Single Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com