Electronic Components Datasheet Search |
|
SN54ACT3641 Datasheet(PDF) 9 Page - Texas Instruments |
|
SN54ACT3641 Datasheet(HTML) 9 Page - Texas Instruments |
9 / 26 page SN54ACT3641 1024 × 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY SGBS309A – AUGUST 1995 – REVISED APRIL 1998 9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 output-ready flag (OR) The OR flag of a FIFO is synchronized to the port clock that reads data from its array (CLKB). When the OR flag is high, new data is present in the FIFO output register. When OR is low, the previous data word is present in the FIFO output register and attempted FIFO reads are ignored. A FIFO read pointer is incremented each time a new word is clocked to its output register. The state machine that controls an OR flag monitors a write-pointer and read-pointer comparator that indicates when the FIFO SRAM status is empty, empty+1, or empty+2. From the time a word is written to a FIFO, it can be shifted to the FIFO output register in a minimum of three cycles of CLKB; therefore, an OR flag is low if a word in memory is the next data to be sent to the FIFO output register and three CLKB cycles have not elapsed since the time the word was written. The OR flag of the FIFO remains low until the third low-to-high transition of CLKB occurs, simultaneously forcing OR high and shifting the word to the FIFO output register. A low-to-high transition on CLKB begins the first synchronization cycle of a write if the clock transition occurs at time tsk(1), or greater, after the write. Otherwise, the subsequent CLKB cycle can be the first synchronization cycle (see Figure 6). input-ready flag (IR) The IR flag of a FIFO is synchronized to the port clock that writes data to its array (CLKA). When IR is high, a memory location is free in the SRAM to write new data. No memory locations are free when the IR flag is low and attempted writes to the FIFO are ignored. Each time a word is written to a FIFO, its write pointer is incremented. The state machine that controls an IR flag monitors a write-pointer and read-pointer comparator that indicates when the FIFO SRAM status is full, full –1, or full –2. From the time a word is read from a FIFO, its previous memory location is ready to be written in a minimum of three cycles of CLKA. Therefore, IR is low if less than two cycles of CLKA have elapsed since the next memory write location has been read. The second low-to-high transition on CLKA after the read sets IR high, and data can be written in the following cycle. A low-to-high transition on CLKA begins the first synchronization cycle of a read if the clock transition occurs at time tsk(1), or greater, after the read. Otherwise, the subsequent CLKA cycle can be the first synchronization cycle (see Figure 7). almost-empty flag (AE) The AE flag of a FIFO is synchronized to the port clock that reads data from its array (CLKB). The state machine that controls an AE flag monitors a write-pointer and read-pointer comparator that indicates when the FIFO SRAM status is almost empty, almost empty+1, or almost empty+2. The almost-empty state is defined by the contents of register X. This register is loaded with a preset value during a FIFO reset, programmed from port A, or programmed serially (see almost-empty flag and almost-full flag offset programming). AE is low when the FIFO contains X or fewer words and is high when the FIFO contains (X + 1) or more words. A data word present in the FIFO output register has been read from memory. Two low-to-high transitions of CLKB are required after a FIFO write for the AE flag to reflect the new level of fill. Therefore, the AE flag of a FIFO containing (X + 1) or more words remains low if two cycles of CLKB have not elapsed since the write that filled the memory to the (X + 1) level. AE is set high by the second low-to-high transition of CLKB after the FIFO write that fills memory to the (X + 1) level. A low-to-high transition of CLKB begins the first synchronization cycle if it occurs at time tsk(2), or greater, after the write that fills the FIFO to (X + 1) words. Otherwise, the subsequent CLKB cycle can be the first synchronization cycle (see Figure 8). |
Similar Part No. - SN54ACT3641 |
|
Similar Description - SN54ACT3641 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |