Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BHP-800 Datasheet(PDF) 1 Page - Mini-Circuits

Part No. BHP-800
Description  High Pass Filter 50Ω 780 to 3000 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINI [Mini-Circuits]
Homepage  http://www.minicircuits.com
Logo 

BHP-800 Datasheet(HTML) 1 Page - Mini-Circuits

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
Outline Drawing
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power Input
0.5W max.
Applications
• lab use
• transmitters/receivers
• radio communications
BHP-800+
REV.C
M113397
BHP-800+
080508
50
780 to 3000 MHz
CASE STYLE: FF55
Connectors
Model
Price
Qty.
BNC
BHP-800+
$36.95 ea. (1-9)
Outline Dimensions (
)
inch
mm
electrical schematic
typical frequency response
STOPBAND
(MHz)
fco (MHz)
Nom.
PASSBAND
(MHz)
VSWR
(:1)
(loss > 40 dB)
(loss > 20 dB)
(loss 3 dB)
(loss <1 dB)
Stopband
Typ.
Passband
Typ.
DC-445
445-570
710
780-3000
17
2.1
RF IN
RF OUT
20
40
3
1
Frequency/fco
DC
.5
.75 1 1.1
High Pass Filter Electrical Specifications
Features
• rugged shielded case
• other standard and custom BHP models available
with wide selection of fco
High Pass Filter
Coaxial
Frequency
(MHz)
Insertion Loss
(dB)
Return Loss
(dB)
Frequency
(MHz)
Group Delay
(nsec)
_
x
σ
INSERTION LOSS
0
1
10
100
0
600
1200
1800
2400
3000
FREQUENCY (MHz)
at RF level of 0 dBm
RETURN LOSS
0
5
10
15
20
25
30
35
40
45
0
600
1200
1800
2400
3000
FREQUENCY (MHz)
at RF level of 0 dBm
GROUP DELAY
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
600
1200
1800
2400
3000
FREQUENCY (MHz)
at RF level of 0 dBm
Typical Performance Data
10.00
74.59
6.84
0.07
200.00
0.49
100.00
94.26
7.80
0.06
300.00
0.44
200.00
80.68
1.20
0.07
400.00
0.81
300.00
68.07
0.23
0.10
485.00
0.90
400.00
54.92
0.50
0.14
490.00
0.92
485.00
41.80
0.71
0.21
495.00
0.95
490.00
41.00
0.71
0.21
500.00
0.95
495.00
40.19
0.72
0.22
550.00
1.10
500.00
39.38
0.73
0.22
600.00
1.42
550.00
31.17
0.81
0.32
610.00
1.50
600.00
22.58
0.88
0.41
620.00
1.59
620.00
19.06
0.91
0.51
625.00
1.64
650.00
13.62
0.95
0.77
650.00
2.05
660.00
11.79
0.95
0.91
660.00
2.29
670.00
9.98
0.94
1.13
670.00
2.55
700.00
5.03
0.77
2.65
700.00
3.46
710.00
3.71
0.66
3.62
710.00
3.77
750.00
1.03
0.15
13.50
750.00
3.59
800.00
0.67
0.03
19.87
800.00
2.37
965.00
0.44
0.01
28.39
965.00
1.30
1070.00
0.41
0.00
39.79
1070.00
1.04
1180.00
0.40
0.00
33.07
1180.00
0.87
1290.00
0.40
0.01
25.70
1290.00
0.75
1400.00
0.42
0.02
21.82
1400.00
0.67
1460.00
0.43
0.02
20.66
1460.00
0.63
1570.00
0.46
0.03
19.47
1570.00
0.58
1680.00
0.48
0.03
19.23
1680.00
0.54
1790.00
0.48
0.04
19.63
1790.00
0.50
2000.00
0.49
0.04
21.39
2000.00
0.46
3000.00
0.57
0.03
18.79
3000.00
0.37
B
D
wt
.54
2.59 grams
13.72 65.79
40.0
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn