Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BHP-150 Datasheet(PDF) 1 Page - Mini-Circuits

Part No. BHP-150
Description  High Pass Filter 50Ω 133 to 1000 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINI [Mini-Circuits]
Homepage  http://www.minicircuits.com
Logo 

BHP-150 Datasheet(HTML) 1 Page - Mini-Circuits

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL N
EW
Outline Drawing
Maximum Ratings
Outline Dimensions (
)
inch
mm
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power Input
0.5W max.
Applications
• lab use
• transmitters/receivers
• radio communications
BHP-150+
BHP-150
REV. B
M108326
BHP-150
070305
50
133 to 1000 MHz
CASE STYLE: FF55
Connectors
Model
Price
Qty.
BNC
BHP-150(+)
$36.95 ea. (1-9)
electrical schematic
typical frequency response
High Pass Filter Electrical Specifications
High Pass Filter
Coaxial
STOPBAND
(MHz)
fco (MHz)
Nom.
PASSBAND
(MHz)
VSWR
(:1)
(loss > 40 dB)
(loss > 20 dB)
(loss 3 dB)
(loss <1 dB)
Stopband
Typ.
Passband
Typ.
DC-70
70-95
120
133-1000
17
1.8
RF IN
RF OUT
20
40
3
1
Frequency/fco
DC
.5
.75 1 1.1
Features
• rugged shielded case
• other standard and custom BHP models available
with wide selection of fco
BD
wt
.54
2.59 grams
13.72
65.79
40.0
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications.
Frequency
(MHz)
Insertion Loss
(dB)
Return Loss
(dB)
Frequency
(MHz)
Group Delay
(nsec)
_
x
σ
Typical Performance Data
INSERTION LOSS
0
1
10
100
0200
400
600
800
1000
FREQUENCY (MHz)
at RF level of 0 dBm
RETURN LOSS
0
5
10
15
20
25
30
35
0
200
400
600
800
1000
FREQUENCY (MHz)
at RF level of 0 dBm
GROUP DELAY
0
4
8
12
16
20
0
200
400
600
800
1000
FREQUENCY (MHz)
at RF level of 0 dBm
10.00
71.12
2.99
0.09
70.00
4.13
50.00
72.50
1.13
0.15
80.00
4.46
70.00
50.20
0.59
0.13
90.00
5.24
80.00
40.39
0.58
0.15
95.00
5.80
90.00
31.22
0.67
0.22
100.00
6.67
95.00
26.73
0.74
0.27
105.00
7.91
100.00
22.30
0.81
0.33
110.00
9.63
105.00
17.87
0.89
0.47
115.00
12.43
110.00
13.42
0.97
0.71
120.00
15.59
115.00
9.04
1.02
1.23
122.00
16.58
120.00
5.14
0.91
2.53
123.00
16.93
122.00
3.87
0.80
3.46
124.00
17.17
124.00
2.81
0.65
4.77
125.00
17.28
125.00
2.37
0.57
5.58
126.00
17.26
126.00
2.00
0.49
6.52
127.00
17.11
127.00
1.69
0.41
7.60
128.00
16.84
128.00
1.43
0.33
8.81
129.00
16.45
130.00
1.05
0.21
11.74
130.00
15.98
131.00
0.93
0.15
13.50
131.00
15.45
132.00
0.82
0.11
15.52
132.00
14.88
133.00
0.76
0.07
17.84
133.00
14.29
200.00
0.29
0.02
31.20
200.00
3.64
300.00
0.25
0.02
21.92
300.00
1.62
400.00
0.31
0.02
16.38
400.00
1.02
500.00
0.36
0.01
14.49
500.00
0.75
600.00
0.41
0.01
13.50
600.00
0.60
700.00
0.45
0.01
12.80
700.00
0.51
800.00
0.49
0.01
12.20
800.00
0.47
900.00
0.53
0.00
11.70
900.00
0.43
1000.00
0.57
0.00
11.26
1000.00
0.41


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn