Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ACT11PW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT11PW
Description  TRIPLE 3-INPUT POSITIVE-AND GATES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT11PW Datasheet(HTML) 1 Page - Texas Instruments

  SN74ACT11PW Datasheet HTML 1Page - Texas Instruments SN74ACT11PW Datasheet HTML 2Page - Texas Instruments SN74ACT11PW Datasheet HTML 3Page - Texas Instruments SN74ACT11PW Datasheet HTML 4Page - Texas Instruments SN74ACT11PW Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SN54ACT11, SN74ACT11
TRIPLE 3-INPUT POSITIVE-AND GATES
SCAS531A – AUGUST 1995 – REVISED APRIL 1996
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Inputs Are TTL-Voltage Compatible
D EPIC ™ (Enhanced-Performance Implanted
CMOS) 1-
µm Process
D Package Options Include Plastic
Small-Outline (D), Shrink Small-Outline
(DB), and Thin Shrink Small-Outline (PW)
Packages, Ceramic Chip Carriers (FK) and
Flatpacks (W), and Standard Plastic (N) and
Ceramic (J) DIPS
description
The ’ACT11 contain three independent 3-input
AND gates. The devices perform the Boolean
functions Y = A
• B • C or Y = A + B + C in positive
logic.
The SN54ACT11 is characterized for operation
over the full military temperature range of – 55
°C
to 125
°C. The SN74ACT11 is characterized for
operation from – 40
°C to 85°C.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
C
Y
H
H
H
H
L
XX
L
X
LX
L
X
X
L
L
logic symbol
logic diagram, each gate (positive logic)
1
1A
2
1B
1Y
12
13
1C
2Y
6
3Y
8
&
3
2A
4
2B
5
2C
11
3A
10
3B
9
3C
12
1Y
1A
1B
1C
6
2Y
2A
2B
2C
8
3Y
3A
3B
3C
1
2
13
3
4
5
11
10
9
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
Pin numbers shown are for the D, DB, J, N, PW, and W packages.
SN54ACT11 ... J OR W PACKAGE
SN74ACT11 ... D, DB, N, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
2A
2B
2C
2Y
GND
VCC
1C
1Y
3A
3B
3C
3Y
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
1Y
NC
3A
NC
3B
2A
NC
2B
NC
2C
SN54ACT11 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1996, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC is a trademark of Texas Instruments Incorporated.


Similar Part No. - SN74ACT11PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT11PW TI1-SN74ACT11PW Datasheet
988Kb / 18P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN74ACT11PWLE TI1-SN74ACT11PWLE Datasheet
988Kb / 18P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN74ACT11PWR TI1-SN74ACT11PWR Datasheet
988Kb / 18P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
More results

Similar Description - SN74ACT11PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV11A TI-SN54LV11A_08 Datasheet
505Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54LV11A TI-SN54LV11A Datasheet
323Kb / 13P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
54ACT11011 TI-54ACT11011 Datasheet
68Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54AC11 TI-SN54AC11 Datasheet
521Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54HC11 TI-SN54HC11 Datasheet
518Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54LS11 TI-SN54LS11 Datasheet
179Kb / 7P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54HC11 TI1-SN54HC11_15 Datasheet
878Kb / 19P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54F11 TI1-SN54F11_14 Datasheet
778Kb / 16P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN74HC11 TI-SN74HC11_07 Datasheet
665Kb / 17P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54AC11 TI-SN54AC11_07 Datasheet
695Kb / 17P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54ALS11A TI-SN54ALS11A_08 Datasheet
690Kb / 17P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com