Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC-HX12BMM-QL Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # ADC-HX12BMM-QL
Description  12-Bit, 8 and 20關sec Analog-to-Digital Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADC-HX12BMM-QL Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  ADC-HX12BMM-QL Datasheet HTML 1Page - Murata Power Solutions Inc. ADC-HX12BMM-QL Datasheet HTML 2Page - Murata Power Solutions Inc. ADC-HX12BMM-QL Datasheet HTML 3Page - Murata Power Solutions Inc. ADC-HX12BMM-QL Datasheet HTML 4Page - Murata Power Solutions Inc. ADC-HX12BMM-QL Datasheet HTML 5Page - Murata Power Solutions Inc. ADC-HX12BMM-QL Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Figure 2. Bipolar Operation, –5 to +5V
Figure 3. Unipolar Operation, 0 to +10V
CONNECTIONS AND CALIBRATION
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
17
START
CONVERT IN
2.2M
+5V
–15V
+5V COMMON
0.01μF CAPS ARE CERAMIC TYPES
DATA
OUTPUTS
1μF
CAP
0.01
μF
10μF
0.01μF
2.8M
0.01
μF
15V
10k
TO
100k
ANALOG INPUT
(0 TO +10V)
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
10k
TO
100k
+15V
+
+
+
OFFSET
ADJUST
GAIN
ADJUST
COMMON
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
17
START
CONVERT IN
2.2M
+5V
–15V
+5V COMMON
0.01μF CAPS ARE CERAMIC TYPES
DATA
OUTPUTS
1μF
CAP
0.01
μF
10μF
0.01μF
2.8M
0.01
μF
15V
COMMON
10k
TO
100k
ANALOG INPUT
(–5 TO +5V)
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
10k
TO
100k
+15V
+
+
+
ZERO
ADJUST
GAIN
ADJUST
INPUT CONNECTIONS
WITHOUT BUFFER
WITH BUFFER
INPUT VOLTAGE RANGE
INPUT PIN
CONNECT THESE PINS TOGETHER
INPUT PIN
CONNECT THESE PINS TOGETHER
0 to +5V
24
22 & 25
23 & 26
30
22 & 25
23 & 26
29 & 24
0 to +10V
24
23 & 26
30
23 & 26
29 & 24
±2.5V
24
22& 25
23 & 22
30
22 & 25
23 & 22
29 & 24
±5V
24
23 & 22
30
23 & 22
29 & 24
±10V
25
23 & 22
30
23 & 22
29 & 25
ADC-HX, ADC-HZ Series
12-Bit, 8 and 20μsec Analog-to-Digital Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDA_ADCHXHZ.B01 Page 4 of 6


Similar Part No. - ADC-HX12BMM-QL

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
ADC-HX12BMM-QL DATEL-ADC-HX12BMM-QL Datasheet
107Kb / 1P
   Legacy Analog-to-Digital Converters
ADC-HX12BMM-QL-C DATEL-ADC-HX12BMM-QL-C Datasheet
107Kb / 1P
   Legacy Analog-to-Digital Converters
More results

Similar Description - ADC-HX12BMM-QL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7109 MICROCHIP-TC7109 Datasheet
496Kb / 30P
   12-Bit 關A-Compatible Analog-to-Digital Converters
2006
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
   8 BIT DIGITAL TO ANALOG CONVERTERS
DAC0800 NSC-DAC0800_51 Datasheet
637Kb / 9P
   8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
NXP Semiconductors
TDA8712 PHILIPS-TDA8712 Datasheet
101Kb / 24P
   8-bit digital-to-analog converters
June 1994
logo
National Semiconductor ...
DAC0800 NSC-DAC0800_06 Datasheet
780Kb / 14P
   8-Bit Digital-to-Analog Converters
DAC0800 NSC-DAC0800 Datasheet
344Kb / 11P
   8-Bit Digital-to-Analog Converters
logo
TriQuint Semiconductor
TQ6122 TRIQUINT-TQ6122 Datasheet
939Kb / 23P
   1 Gigasample/sec, 8-bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
THS12082 TI1-THS12082_09 Datasheet
822Kb / 42P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com