Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54ACT16244 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN54ACT16244
Description  16-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ACT16244 Datasheet(HTML) 6 Page - Texas Instruments

  SN54ACT16244 Datasheet HTML 1Page - Texas Instruments SN54ACT16244 Datasheet HTML 2Page - Texas Instruments SN54ACT16244 Datasheet HTML 3Page - Texas Instruments SN54ACT16244 Datasheet HTML 4Page - Texas Instruments SN54ACT16244 Datasheet HTML 5Page - Texas Instruments SN54ACT16244 Datasheet HTML 6Page - Texas Instruments SN54ACT16244 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SN54ACT16244, 74ACT16244
16-BIT BUFFERS/LINE DRIVERS
WITH 3-STATE OUTPUTS
SCAS116B – MARCH 1990 – REVISED APRIL 1996
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
2
× VCC
500
500
tPLH
tPHL
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at 2
× VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
1.5 V
1.5 V
[ VCC
3 V
0 V
50% VCC
50% VCC
VOH
VOL
0 V
50% VCC
20% VCC
50% VCC
80% VCC
[ 0 V
3 V
GND
Open
Input
Output
VOLTAGE WAVEFORMS
VOLTAGE WAVEFORMS
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
2
× VCC
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr = 3 ns, tf = 3 ns.
D. The outputs are measured one at a time with one input transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SN54ACT16244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT16244 TI-SN54ACT16244 Datasheet
520Kb / 14P
[Old version datasheet]   16-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54ACT16244

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVC16244A16 HITACHI-HD74LVC16244A16 Datasheet
50Kb / 8P
   16-bit Buffers / Line Drivers with 3-state Outputs
HD74LVC16540 HITACHI-HD74LVC16540 Datasheet
51Kb / 8P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Renesas Technology Corp
HD74LVCZ16240A RENESAS-HD74LVCZ16240A Datasheet
102Kb / 9P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Hitachi Semiconductor
HD74LVC16240A HITACHI-HD74LVC16240A Datasheet
51Kb / 9P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Renesas Technology Corp
RD74LVC16240B RENESAS-RD74LVC16240B Datasheet
107Kb / 9P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Texas Instruments
54AC16244 TI-54AC16244_07 Datasheet
335Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LVCZ16240A HITACHI-HD74LVCZ16240A Datasheet
54Kb / 11P
   16-bit Buffers / Line Drivers with 3-state Outputs
HD74LVCZ16244A HITACHI-HD74LVCZ16244A Datasheet
53Kb / 11P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Texas Instruments
54AC16244 TI-54AC16244 Datasheet
125Kb / 10P
[Old version datasheet]   16-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LVC16241 HITACHI-HD74LVC16241 Datasheet
47Kb / 9P
   16-bit Buffers / Line Drivers with 3-state Outputs
HD74LVC16541 HITACHI-HD74LVC16541 Datasheet
50Kb / 8P
   16-bit Buffers / Line Drivers with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com