Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7998DP Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SI7998DP
Description  Dual N-Channel 30-V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7998DP Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SI7998DP Datasheet HTML 4Page - Vishay Siliconix SI7998DP Datasheet HTML 5Page - Vishay Siliconix SI7998DP Datasheet HTML 6Page - Vishay Siliconix SI7998DP Datasheet HTML 7Page - Vishay Siliconix SI7998DP Datasheet HTML 8Page - Vishay Siliconix SI7998DP Datasheet HTML 9Page - Vishay Siliconix SI7998DP Datasheet HTML 10Page - Vishay Siliconix SI7998DP Datasheet HTML 11Page - Vishay Siliconix SI7998DP Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Document Number: 68970
S09-0269-Rev. B, 16-Feb-09
www.vishay.com
9
Vishay Siliconix
Si7998DP
New Product
CHANNEL-2 TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Reverse Current vs. Junction Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
10
1
100
TJ =25 °C
TJ =150 °C
VSD -Source-to-Drain Voltage (V)
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
0.000
0.005
0.010
0.015
0.020
02
4
6
8
10
TJ = 25 °C
TJ = 125 °C
ID =20A
VGS - Gate-to-Source Voltage (V)
0
10
20
30
40
50
Time (s)
10
1000
0.1
0.01
0.001
100
1
Safe Operating Area, Junction-to-Ambient
0.01
100
1
100
0.01
0.1
1ms
10 ms
100 ms
0.1
1
10
10
TA = 25 °C
Single Pulse
Limited byRDS(on)*
100 µs
1s
10 s
DC
BVDSS Limited
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified


Similar Part No. - SI7998DP

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SI7998DP TFUNK-SI7998DP Datasheet
393Kb / 18P
   Dual N-Channel 30 V (D-S) MOSFET
SI7998DP TFUNK-SI7998DP Datasheet
393Kb / 18P
   Dual N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SI7998DP VISHAY-SI7998DP Datasheet
394Kb / 18P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI7998DP-T1-GE3 VISHAY-SI7998DP-T1-GE3 Datasheet
394Kb / 18P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI7998DP VISHAY-SI7998DP_V01 Datasheet
394Kb / 18P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI7998DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com