Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPF10US03 Datasheet(PDF) 2 Page - XP Power Limited

Part # CPF10US03
Description  AC-DC PCB Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CPF10US03 Datasheet(HTML) 2 Page - XP Power Limited

  CPF10US03 Datasheet HTML 1Page - XP Power Limited CPF10US03 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT VOLTAGE & CURRENT RATINGS
CPF
1. Peak rating duration
≤10 seconds with a max duty cycle of 35%..
2. Measured low line to high line.
3. Measured no load to full load.
Notes
CPF Board
www.xpplc.com
sales@xpplc.com
Output
Output
Peak
Efficiency
Line
Load
Model
Voltage
Current
Current
(1)
Typical
Regulation
(2)
Regulation
(3)
Number
3.3 V
1.00 A
1.20 A
68%
20 mV
40 mV
CPF5US03
5.0 V
1.00 A
1.20 A
77%
20 mV
40 mV
CPF5US05
12.0 V
0.45 A
0.54 A
78%
48 mV
100 mV
CPF5US12
15.0 V
0.35 A
0.42 A
77%
60 mV
120 mV
CPF5US15
24.0 V
0.22 A
0.27 A
81%
96 mV
150 mV
CPF5US24
3.3 V
2.00 A
2.40 A
65%
20 mV
40 mV
CPF10US03
5.0 V
2.00 A
2.04 A
74%
20 mV
40 mV
CPF10US05
12.0 V
0.90 A
1.08 A
78%
48 mV
100 mV
CPF10US12
15.0 V
0.70 A
0.84 A
81%
60 mV
120 mV
CPF10US15
24.0 V
0.45 A
0.54 A
81%
96 mV
150 mV
CPF10US24
The CPF board is designed to accept any of the CPF Series models.
Order CPFBOARD-M for molex connectors or CPFBOARD-T for screw terminals.
Mounting hole M3 clearance.
Mating Housing Molex 09-91-0500
Crimp Pins Molex 15-04-0219
Mounting hole M3 clearance.
All connections screw terminals 10 mm pitch
CPFBOARD-M
CPFBOARD-T
5 W MODEL
10 W MODEL
Mechanical Details
Dimensions in inches (mm).
Weight 30g
Weight 40g
Max height
17.5 mm
Rev 3.0


Similar Part No. - CPF10US03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPF105C ETC1-CPF105C Datasheet
57Kb / 10P
   Asymmetric Digital Subscriber Line
More results

Similar Description - CPF10US03

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAOCH WALL-PSAOCH Datasheet
122Kb / 4P
   AC/DC PCB Mount Power Supplies
PSAZC WALL-PSAZC Datasheet
312Kb / 3P
   AC/DC PCB Mount Power Supplies
PSAOC WALL-PSAOC Datasheet
123Kb / 4P
   AC/DC PCB Mount Power Supplies
logo
List of Unclassifed Man...
YAW1015E ETC2-YAW1015E Datasheet
241Kb / 4P
   AC-DC Power Supplies PCB Mount type
VAF505 ETC2-VAF505 Datasheet
510Kb / 4P
   AC-DC Power Supplies PCB Mount type
logo
TDK Electronics
KW TDK-KW Datasheet
260Kb / 2P
   Compact AC-DC PCB-Mount Power Supplies
logo
COSEL CO., LTD.
YS5 COSEL-YS5 Datasheet
305Kb / 6P
   AC-DC Power Supplies PCB Mount type
VAF1024 COSEL-VAF1024 Datasheet
510Kb / 4P
   AC-DC Power Supplies PCB Mount type
VAA1005 COSEL-VAA1005 Datasheet
291Kb / 4P
   AC-DC Power Supplies PCB Mount Type
March 13, 2019
logo
List of Unclassifed Man...
YAS505E ETC2-YAS505E Datasheet
597Kb / 4P
   AC-DC Power Supplies PCB Mount type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com