Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADCDS-1405 Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # ADCDS-1405
Description  14-Bit, 5 Megapixels/Second, CCD Signal Processor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADCDS-1405 Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  ADCDS-1405 Datasheet HTML 1Page - Murata Power Solutions Inc. ADCDS-1405 Datasheet HTML 2Page - Murata Power Solutions Inc. ADCDS-1405 Datasheet HTML 3Page - Murata Power Solutions Inc. ADCDS-1405 Datasheet HTML 4Page - Murata Power Solutions Inc. ADCDS-1405 Datasheet HTML 5Page - Murata Power Solutions Inc. ADCDS-1405 Datasheet HTML 6Page - Murata Power Solutions Inc. ADCDS-1405 Datasheet HTML 7Page - Murata Power Solutions Inc. ADCDS-1405 Datasheet HTML 8Page - Murata Power Solutions Inc. ADCDS-1405 Datasheet HTML 9Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
 
FEATURES
n
14-bit resolution
n
5MPPS throughput rate (14-bits)
n
Extended temperature range -55°C to +100°C
n
1 LSB RMS Noise
n
Excellent Signal-to-Noise ratio
n
Edge triggered
n
Small, 40-pin, TDIP package
n
Low power, 700mW typical
n
Low cost, functionally complete
n
Programmable Analog Bandwidth
4
3
2
26
INVERTING INPUT
DIRECT INPUT
OFFSET ADJUST
REFERENCE HOLD
27
32, 33
7, 35, 37
DATA VALID
DIGITAL GROUND
ANALOG GROUND
25
23
10
24
6
START CONVERT
BIT 1 (MSB)
BIT 14 (LSB)
OUT-OF-RANGE
+2.4V REFERENCE OUTPUT
+12VA
–5VA
+5VA
+5VD
39
38
36
34
TIMING
AND
CONTROL
SAMPLING
A/D
NON-INVERTING INPUT
75
523
0.01µF
5K
1
FINE GAIN ADJUST
5
INPUT AMPLIFIER
30 31
A1
CORRELATED
DOUBLE
SAMPLER
Figure 1. ADCDS-1405 Functional Block Diagram
INPUT/OUTPUT CONNECTIONS
Pin
Function
Pin
Function
1
Fine Gain Adjust
40
No Connect
2
Offset Adjust
39
+12v
3
Direct Input
38
–5va
4
Inverting Input
37
Analog Ground
5
Non-Inverting Input
36
+5va
6
+2.4v Ref. Output
35
Analog Ground
7
Analog Ground
34
+5vd
8
No Connect
33
Digital Ground
9
No Connect
32
Digital Ground
10
Bit 14 (Lsb)
31
A1
11
Bit 13
30
AO
12
Bit 12
29
No Connect
13
Bit 11
28
No Connect
14
Bit 10
27
Data Valid
15
Bit 9
26
Reference Hold
16
Bit 8
25
Start Convert
17
Bit 7
24
Out-Of-Range
18
Bit 6
23
Bit 1 (Msb)
19
Bit 5
22
Bit 2
20
Bit 4
21
Bit 3
The ADCDS-1405 is an application-specific video signal processor designed for
electronic-imaging applications that employ CCD's (charge coupled devices) as their
photodetector. The ADCDS-1405 incorporates a "user configurable" input amplifier, a CDS
(correlated double sampler) and a sampling A/D converter in a single package, providing
the user with a complete, high performance, low-cost, low-power, integrated solution.
The key to the ADCDS-1405's performance is a unique, high-speed, high-accuracy
CDS circuit, which eliminates the effects of residual charge, charge injection and "kT/C"
noise on the CCD's output floating capacitor, producing a "valid video" output signal. The
ADCDS-1405 digitizes this resultant "valid video" signal using a high-speed, low-noise
sampling A/D converter.
The ADCDS-1405 requires only the rising edge of start convert pulse to initiate its con-
version process. Additional features of the ADCDS-1405 include gain adjust, offset adjust,
precision +2.4V reference, and a programmable analog bandwidth function.
PRODUCT OVERVIEW
Typical unit
ADCDS-1405
14-Bit, 5 Megapixels/Second, CCD Signal Processor
For full details go to
www.murata-ps.com/rohs
www.murata-ps.com
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
SIMPLIFIED SCHEMATIC
MDC_ADCDS-1405.B02 Page 1 of 9


Similar Part No. - ADCDS-1405

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ADCDS-1405 MURATA-ADCDS-1405 Datasheet
248Kb / 9P
   14-Bit, 5 Megapixels/Second Imaging Signal Processor
logo
DATEL, Inc.
ADCDS-1405 DATEL-ADCDS-1405 Datasheet
100Kb / 1P
   Electronic Imaging
ADCDS-1405-C DATEL-ADCDS-1405-C Datasheet
101Kb / 1P
   Electronic Imaging
logo
Murata Manufacturing Co...
ADCDS-1405EX MURATA-ADCDS-1405EX Datasheet
248Kb / 9P
   14-Bit, 5 Megapixels/Second Imaging Signal Processor
logo
DATEL, Inc.
ADCDS-1405EX DATEL-ADCDS-1405EX Datasheet
101Kb / 1P
   Electronic Imaging
More results

Similar Description - ADCDS-1405

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADCDS-1410 MURATA-PS-ADCDS-1410 Datasheet
519Kb / 9P
   14-Bit, 10 Megapixels/Second, CCD Signal Processor
logo
Murata Manufacturing Co...
ADCDS-1405 MURATA-ADCDS-1405 Datasheet
248Kb / 9P
   14-Bit, 5 Megapixels/Second Imaging Signal Processor
logo
Murata Power Solutions ...
ADCDS-1603 MURATA-PS-ADCDS-1603 Datasheet
353Kb / 11P
   16-Bit, 2.3 Megapixels/Second CCD Signal Processor
ADCDS-1403 MURATA-PS-ADCDS-1403 Datasheet
229Kb / 9P
   14-Bit, 3 Megapixels/Second Imaging Signal Processor
logo
C&D Technologies
ADCDS-1403 CANDD-ADCDS-1403 Datasheet
192Kb / 9P
   14-Bit, 3 Megapixels/Second Imaging Signal Processor
logo
DATEL, Inc.
ADCDS-1603 DATEL-ADCDS-1603 Datasheet
696Kb / 15P
   16-Bit, 2.3 Megapixels/Second CCD Image Converter
logo
Analog Devices
AD9814S AD-AD9814S Datasheet
121Kb / 7P
   14-Bit CCD/CIS Signal Processor
REV. D
AD9814S AD-AD9814S_17 Datasheet
105Kb / 8P
   14-Bit CCD/CIS Signal Processor
logo
Holtek Semiconductor In...
HT82V14 HOLTEK-HT82V14 Datasheet
115Kb / 12P
   14-Bit CCD/CIS Analog Signal Processor
logo
Analog Devices
AD9822 AD-AD9822_15 Datasheet
474Kb / 20P
   Complete 14-Bit CCD/CIS Signal Processor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com