Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPB1K5PS36 Datasheet(PDF) 2 Page - XP Power Limited

Part # CPB1K5PS36
Description  AC-DC Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CPB1K5PS36 Datasheet(HTML) 2 Page - XP Power Limited

  CPB1K5PS36 Datasheet HTML 1Page - XP Power Limited CPB1K5PS36 Datasheet HTML 2Page - XP Power Limited CPB1K5PS36 Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CPB1K
Mechanical Details
CN1/CN2 PIN CONNECTIONS
Pin
Function
1
+M
+ Output Voltage Monitoring
2
+S
+ Remote Sensing
3
-M
- Output Voltage Monitoring
4
-S
- Remote Sensing
5
VB
Voltage Balance
6
CB
Current Balance
7
TRM
Adjustment of Output Voltage
8
-S
- Remote Sensing
9
RC2
Remote On/Off
10
RCG
Remote On/Off Ground
CN3 PIN CONNECTIONS
Pin
Function
1
-S
- Remote Sensing
2
-S
- Remote Sensing
3
AUX
Auxiliary Output (12V/0.1A)
4
RC1
Remote On/Off
5
AUXG AUX Ground
6
N.C
No Connection
7
PG
Power Good Signal
8
PGG
Power Good Ground
Mating Connector & Terminal - CN1, CN2 & CN3
Connector
Mating Connector
Terminal
Manufacturer
CN1
S10B-PHDSS
PHDR-10VS
Reel
SPHD-002T-P0.5
Loose BPHD-001T-P0.5
BPHD-002T-P0.5
J.S.T
CN2
CN3
S8B-PHDSS
PHDR-8VS
Models and Ratings
Input
Voltage
Current
Regulation
Ripple & Noise(2)
Efficiency(3)
Model
Number
Max
Peak
Line
Load
3.3 V (2.64 - 3.96)
200 A
-
20 mV
40 mV
120 mV
76%
CPB1KPS3V3
5.0 V (3.96 - 6.00)
200 A
-
20 mV
40 mV
120 mV
81%
CPB1KPS05
7.5 V (5.25 - 8.25)
134 A
-
36 mV
60 mV
150 mV
83%
CPB1KPS7V5
12 V (8.25 - 13.20)
88 A
-
48 mV
100 mV
150 mV
84%
CPB1KPS12
15 V (10.50 - 16.50)
70 A
-
60 mV
120 mV
150 mV
84%
CPB1KPS15
24 V (16.50 - 26.40)
44 A
51 A (1)
96 mV
150 mV
150 mV
86%
CPB1KPS24
36 V (25.20 - 39.60)
29 A
-
114 mV
150 mV
200 mV
86%
CPB1KPS36
48 V (38.40 - 56.00)
22 A
-
192 mV
300 mV
200 mV
86%
CPB1KPS48
Notes
1. Peak current duration 10 s max with duty cycle
35% 170-264 VAC only.
2. Measured over a 20 MHz bandwidth from 0 ºC to +50 ºC.
3. Measured at nominal 230 VAC input and 100% load.
CN1
CN3
CN2
AC(N)
AC(L)
M4
LED
8-M4
Mounting Hole
(Both sides)
Input terminal cover
Output voltage
adjustable potentiometer
Output terminal(+ )
Output terminal(- )
AIR FLOW
2-M4
2-º 9
Name plate
Mounting Hole
(Bottom sides)
4-M4
15.85
51.25
13
7
240
6max
25max
(35)
29
165±0.5
29
165 ±0.5
FG(
)
Notes:
1. Tolerance: ±1.
2. Weight: 2.2 Kg.
3. Dimensions in mm.
Peak Current Conditions:
• 170-264 VAC
• t1
10 s
• lp
Rated peak current
• lave
Rated current
• Duty =
x 100 [%]
35%
t1
t1 +t2
Peak Current
t
1
lp
(Peak Current)
lave
(Average Current)
t
2


Similar Part No. - CPB1K5PS36

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CPB10544 CANOPUS-CPB10544 Datasheet
359Kb / 1P
   Piezo Buzzer (DC)
CPB10544HM15BW CANOPUS-CPB10544HM15BW Datasheet
359Kb / 1P
   Piezo Buzzer (DC)
CPB10544HT26BW CANOPUS-CPB10544HT26BW Datasheet
359Kb / 1P
   Piezo Buzzer (DC)
CPB10544IM15BW CANOPUS-CPB10544IM15BW Datasheet
359Kb / 1P
   Piezo Buzzer (DC)
CPB10544IT26BW CANOPUS-CPB10544IT26BW Datasheet
359Kb / 1P
   Piezo Buzzer (DC)
More results

Similar Description - CPB1K5PS36

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com