Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPB1KPS48 Datasheet(PDF) 1 Page - XP Power Limited

Part # CPB1KPS48
Description  AC-DC Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CPB1KPS48 Datasheet(HTML) 1 Page - XP Power Limited

  CPB1KPS48 Datasheet HTML 1Page - XP Power Limited CPB1KPS48 Datasheet HTML 2Page - XP Power Limited CPB1KPS48 Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specification
660 - 1680 Watts
Universal PFC Input
Low Profile (61 mm)
Wide Output Voltage Adjustment
Remote On/Off
Power Good Signal
Remote Sense
Peak Current Available
CPB1K/1K5 Series
Input
Input Voltage
• 85-264 VAC (120-370 VDC)
Input Frequency
• 47-63 Hz
Input Current
• 19 A at 115 VAC
Inrush Current
• 40 A at 230 VAC
Power Factor
• 0.98/0.95 at 115/230 VAC
Earth Leakage Current
• 1.5 mA max at 230 VAC/60Hz
Output
Output Voltage
• See tables
Output Voltage Trim
• See tables
Minimum Load
• No minimum load required
Start Up Time
• 400 ms typical at 230 VAC, 100% load
Hold Up Time
• 20 ms typical at 100% load
Drift
• ±0.4% max
Line Regulation
• ±0.5% max
Load Regulation
• ±1.0% max 0-100% load
Ripple & Noise
• ±1.0% pk-pk, 20MHz BW
Overvoltage Protection • 110-130% Vnom, recycle input to reset
Overtemperature
• Operates in the event of fan failure or if
Protection
the operating temperature / derating
criteria is exceeded
Overload Protection
• Operates at 105% of rated current (101%
of pk rating), <5 s auto recovery,
>5 s recycle input to reset
Temperature
• ±1.25% max -20 ºC to +50 ºC
Coefficient
Remote Sense
• Compensates for up to 0.3 V drop max
if not required, sense teminals must be
connected locally i.e +S to +M and
-S to -M on CN1
Remote On/Off
• 12 V 3 mA applied between RCG &
RC2 will inhibit the output of the unit
and the fan
xppower.com
General
Efficiency
• See tables
Isolation
• 3000 VAC Input to Output
2000 VAC Input to Ground
500 VAC Output to Ground
Switching Frequency
• 130 kHz PFC, 200 kHz PWM
Environmental
Operating Temperature • -20 ºC to +70 ºC, derate linearly from
+50 ºC to 50% at +70 ºC
Relative Humidity
• 20-90% non-condensing
Storage Temperature
• -20 ºC to +75 ºC
Shock
• 20 G 11 ms, once each x, y and z axis
Vibration
• 2 G, 10 Hz to 55 kHz, 3 min periods for 60
min along each x, y and z axis
EMC & Safety
Emissions
• EN55022, level B conducted
EN55022, level A radiated
ESD Immunity
• EN61000-4-2, level 2 contact, level 3 air
Radiated Immunity
• EN61000-4-3, level 3
EFT/Burst
• EN61000-4-4, level 3
Surge
• EN61000-4-5, level 3 line to line,
level 4 line to ground
Safety Approvals
• EN60950, UL60950, cUL (CSA 60950)


Similar Part No. - CPB1KPS48

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CPB10544 CANOPUS-CPB10544 Datasheet
359Kb / 1P
   Piezo Buzzer (DC)
CPB10544HM15BW CANOPUS-CPB10544HM15BW Datasheet
359Kb / 1P
   Piezo Buzzer (DC)
CPB10544HT26BW CANOPUS-CPB10544HT26BW Datasheet
359Kb / 1P
   Piezo Buzzer (DC)
CPB10544IM15BW CANOPUS-CPB10544IM15BW Datasheet
359Kb / 1P
   Piezo Buzzer (DC)
CPB10544IT26BW CANOPUS-CPB10544IT26BW Datasheet
359Kb / 1P
   Piezo Buzzer (DC)
More results

Similar Description - CPB1KPS48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com