Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4136DY Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI4136DY
Description  N-Channel 20-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4136DY Datasheet(HTML) 3 Page - Vishay Siliconix

  SI4136DY Datasheet HTML 1Page - Vishay Siliconix SI4136DY Datasheet HTML 2Page - Vishay Siliconix SI4136DY Datasheet HTML 3Page - Vishay Siliconix SI4136DY Datasheet HTML 4Page - Vishay Siliconix SI4136DY Datasheet HTML 5Page - Vishay Siliconix SI4136DY Datasheet HTML 6Page - Vishay Siliconix SI4136DY Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 64718
S09-0139-Rev. A, 02-Feb-09
www.vishay.com
3
Vishay Siliconix
Si4136DY
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
14
28
42
56
70
0.0
0.5
1.0
1.5
2.0
2.5
VGS =10thru 3 V
VDS - Drain-to-Source Voltage (V)
0.0010
0.0014
0.0018
0.0022
0.0026
0.0030
014
28
42
56
70
VGS =10 V
VGS =4.5 V
ID - Drain Current (A)
0
2
4
6
8
10
0
15304560
75
ID =20A
VDS =15 V
VDS =10 V
VDS =5 V
Qg - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
0
1
234
5
TC = 25 °C
TC = 125 °C
TC = - 55 °C
VGS - Gate-to-Source Voltage (V)
Crss
0
1200
2400
3600
4800
6000
0.0
2.4
4.8
7.2
9.6
12.0
Ciss
Coss
VDS - Drain-to-Source Voltage (V)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 50
- 25
0
25
50
75
100
125
150
ID =15A
VGS =4.5 V
VGS =10 V
TJ -Junction Temperature (°C)


Similar Part No. - SI4136DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4136DY VISHAY-SI4136DY Datasheet
217Kb / 9P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI4136DY-T1-GE3 VISHAY-SI4136DY-T1-GE3 Datasheet
228Kb / 9P
   N-Channel 20 V (D-S) MOSFET
09-Jul-2021
SI4136DY VISHAY-SI4136DY_V01 Datasheet
228Kb / 9P
   N-Channel 20 V (D-S) MOSFET
09-Jul-2021
SI4136DY VISHAY-SI4136DY_V02 Datasheet
217Kb / 9P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI4136DY

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com