Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC1754 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LPC1754
Description  32-bit ARM Cortex-M3 MCU up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1754 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LPC1754 Datasheet HTML 4Page - NXP Semiconductors LPC1754 Datasheet HTML 5Page - NXP Semiconductors LPC1754 Datasheet HTML 6Page - NXP Semiconductors LPC1754 Datasheet HTML 7Page - NXP Semiconductors LPC1754 Datasheet HTML 8Page - NXP Semiconductors LPC1754 Datasheet HTML 9Page - NXP Semiconductors LPC1754 Datasheet HTML 10Page - NXP Semiconductors LPC1754 Datasheet HTML 11Page - NXP Semiconductors LPC1754 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
LPC1758_56_54_52_51_2
© NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 — 11 February 2009
8 of 71
NXP Semiconductors
LPC1758/56/54/52/51
32-bit ARM Cortex-M3 microcontroller
P0[22]/RTS1/TD1
44[1]
I/O
P0[22] — General purpose digital input/output pin.
O
RTS1 — Request to Send output for UART1.
O
TD1 — CAN1 transmitter output.
P0[25]/AD0[2]/
I2SRX _SDA/
TXD3
7[2]
I/O
P0[25] — General purpose digital input/output pin.
I
AD0[2] — A/D converter 0, input 2.
I/O
I2SRX_SDA — Receive data. It is driven by the transmitter and read by the
receiver. Corresponds to the signal SD in the
I2S-bus specification. (LPC1758/56
only).
O
TXD3 — Transmitter output for UART3.
P0[26]/AD0[3]/
AOUT/RXD3
6[3]
I/O
P0[26] — General purpose digital input/output pin.
I
AD0[3] — A/D converter 0, input 3.
O
AOUT — DAC output. (LPC1758/56/54 only).
I
RXD3 — Receiver input for UART3.
P0[29]/USB_D+
22[4]
I/O
P0[29] — General purpose digital input/output pin.
I/O
USB_D+ — USB bidirectional D+ line.
P0[30]/USB_D
23[4]
I/O
P0[30] — General purpose digital input/output pin.
I/O
USB_D
− — USB bidirectional D− line.
P1[0] to P1[31]
I/O
Port 1: Port 1 is a 32-bit I/O port with individual direction controls for each bit. The
operation of port 1 pins depends upon the pin function selected via the pin connect
block. Some port pins are not available on the LQFP80 package.
P1[0]/
ENET_TXD0
76[1]
I/O
P1[0] — General purpose digital input/output pin.
O
ENET_TXD0 — Ethernet transmit data 0. (LPC1758 only).
P1[1]/
ENET_TXD1
75[1]
I/O
P1[1] — General purpose digital input/output pin.
O
ENET_TXD1 — Ethernet transmit data 1. (LPC1758 only).
P1[4]/
ENET_TX_EN
74[1]
I/O
P1[4] — General purpose digital input/output pin.
O
ENET_TX_EN — Ethernet transmit data enable. (LPC1758 only).
P1[8]/
ENET_CRS
73[1]
I/O
P1[8] — General purpose digital input/output pin.
I
ENET_CRS — Ethernet carrier sense. (LPC1758 only).
P1[9]/
ENET_RXD0
72[1]
I/O
P1[9] — General purpose digital input/output pin.
I
ENET_RXD0 — Ethernet receive data. (LPC1758 only).
P1[10]/
ENET_RXD1
71[1]
I/O
P1[10] — General purpose digital input/output pin.
I
ENET_RXD1 — Ethernet receive data. (LPC1758 only).
P1[14]/
ENET_RX_ER
70[1]
I/O
P1[14] — General purpose digital input/output pin.
I
ENET_RX_ER — Ethernet receive error. (LPC1758 only).
P1[15]/
ENET_REF_CLK
69[1]
I/O
P1[15] — General purpose digital input/output pin.
I
ENET_REF_CLK — Ethernet reference clock. (LPC1758 only).
P1[18]/
USB_UP_LED/
PWM1[1]/
CAP1[0]
25[1]
I/O
P1[18] — General purpose digital input/output pin.
O
USB_UP_LED — USB GoodLink LED indicator. It is LOW when device is
configured (non-control endpoints enabled). It is HIGH when the device is not
configured or during global suspend.
O
PWM1[1] — Pulse Width Modulator 1, channel 1 output.
I
CAP1[0] — Capture input for Timer 1, channel 0.
Table 3.
Pin description …continued
Symbol
Pin
Type
Description


Similar Part No. - LPC1754

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1754 NXP-LPC1754 Datasheet
957Kb / 64P
   32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 04-26 January 2010
LPC1754 NXP-LPC1754 Datasheet
144Kb / 2P
   Cortex-M3 based microcontrollers with Ethernet, USB, CAN and 12-bit ADC
December 2009
LPC1754 NXP-LPC1754 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
List of Unclassifed Man...
LPC1754FBD80 ETC2-LPC1754FBD80 Datasheet
1Mb / 70P
   32-bit ARM Cortex-M3 microcontroller;
logo
NXP Semiconductors
LPC1754FBD80 NXP-LPC1754FBD80 Datasheet
957Kb / 64P
   32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 04-26 January 2010
More results

Similar Description - LPC1754

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1759 NXP-LPC1759_11 Datasheet
1Mb / 74P
   32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 7-29 March 2011
LPC1759 NXP-LPC1759 Datasheet
957Kb / 64P
   32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 04-26 January 2010
LPC1759 PHILIPS-LPC1759_15 Datasheet
1,013Kb / 80P
   32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 8.6-18 August 2015
LPC1768 PHILIPS-LPC1768 Datasheet
311Kb / 72P
   32-bit ARM Cortex-M3 microcontroller up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 02-11 February 2009
LPC1768FBD100551 PHILIPS-LPC1768FBD100551 Datasheet
828Kb / 82P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 9-10 August 2012
LPC1768 NXP-LPC1768 Datasheet
1Mb / 65P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 03-19 November 2009
LPC1763FBD100551 PHILIPS-LPC1763FBD100551 Datasheet
918Kb / 86P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 9.3-8 January 2014
LPC1769 NXP-LPC1769 Datasheet
1Mb / 66P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 04-1 February 2010
LPC1788 NXP-LPC1788 Datasheet
1Mb / 117P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 96 kB SRAM; USB Device/Host/OTG
Rev. 2-27 May 2011
LPC1769 NXP-LPC1769_11 Datasheet
762Kb / 79P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet
Rev. 7-5 April 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com