Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BCC400PS07 Datasheet(PDF) 2 Page - XP Power Limited

Part No. BCC400PS07
Description  AC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  XPPOWER [XP Power Limited]
Homepage  http://www.xppower.com
Logo 

BCC400PS07 Datasheet(HTML) 2 Page - XP Power Limited

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
13-Nov-07
Mechanical Details
BCC
Models and Ratings
PL1&2 Connections
Pin
Function
1
Current Balance
2
Voltage Balance
3
Trim
4
-Remote Sense
5
+Remote Sense
6
Remote On/Off
Output
Power
Output
Voltage
Output
Current
Output
Load Regulation
Model
Number
(1,2)
165 W
3.3 V
50.0 A
1.5%
BCC200PS03
200 W
5.0 V
40.0 A
1.5%
BCC200PS05
210 W
7.5 V
28.0 A
1.5%
BCC200PS07
240 W
12.0 V
20.0 A
1.5%
BCC200PS12
264 W
3.3 V
80.0 A
1.5%
BCC400PS03
400 W
5.0 V
80.0 A
1.5%
BCC400PS05
405 W
7.5 V
54.0 A
1.5%
BCC400PS07
408 W
12.0 V
34.0 A
1.0%
BCC400PS12
405 W
15.0 V
27.0 A
1.0%
BCC400PS15
396 W
18.0 V
22.0 A
1.0%
BCC400PS18
408 W
24.0 V
17.0 A
1.0%
BCC400PS24
406 W
28.0 V
14.5 A
1.0%
BCC400PS28
Notes
Application Notes
Input:
AMP Mate'n'lok 3 way.
Mating housing AMP 350766-1.
Socket crimp AMP 926893-1.
Pin 3: Live
Pin 2: Earth
Pin 1: Neutral
Output:
Power output +ve and -ve by M6 studs.
Use appropriate ring terminals and wire for the load current.
Signal connections on two 0.1 (2.5) headers (PL1 & PL2).
Mating Housing: Molex 22-01-2065.
Mating Crimp: Molex 08-50-0032.
Accessories
1. Input & output connector kit - order part ‘BCC CONKIT’.
2. For thermal pad, order part ‘BCC THERM’.
127.0
114.5
81.5
12.5
48.5
32.0
6.0
0.0
22.0
0.0
3
1
Overall height
1.90 (48.5)
A
AA
A
A
5.5
0.0
Output Set
PL1
PL2
DC OK
+
Output
1
1
6
6
Output
121.5
A = 0.18 ” (4.5 mm) mounting holes for M4
59.3
Centers
47.5
Centers
55.5
Centers
50.0
Centers
TOP VIEW
Overall length 9.21 (234.0)
0.0
Remote sense switchers - single unit
Remote
Local
SW1 D (1)
OFF
ON
SW1 C (2)
OFF
ON
SW1 B (3)
ON
OFF
SW1 A (4)
ON
OFF
Parallel units with remote sense
PSU 1
PSU 2
PSU 3
SW1 D (1)
OFF
OFF
OFF
SW1 C (2)
OFF
OFF
OFF
SW1 B (3)
ON
OFF
OFF
SW1 A (4)
ON
OFF
OFF
Parallel units without remote sense
PSU 1
PSU 2
PSU 3
SW1 D (1)
ON
OFF
OFF
SW1 C (2)
ON
OFF
OFF
SW1 B (3)
OFF
OFF
OFF
SW1 A (4)
OFF
OFF
OFF
Contact sales office for a full set of application notes.
Current and voltage balance pins are used to connect units in parallel - see drawing.
Remote On/Off: Output is on with pin left floating, pull pin down to -Output to turn
output off.
Remote sense pins are used to compensate for lead drops, for up to 0.5 V maximum.
When not used, move switch SW1 to local positions. See below for switch positions.
The BCC series is approximately 80% efficient, so for 400 W load consumption,
the cooling system used will have to be able to absorb 100 W while maintaining the
baseplate to a maximum of +83 °C.
VB
-VOUT
CB
TRM
+VOUT
+S
-S
VB
-VOUT
CB
TRM
+VOUT
+S
-S
VB
-VOUT
CB
TRM
+VOUT
+S
-S
Load
Examples of parallel operation
Ensure output power leads are of equal length and type for all
units and that they are capable of carrying the load current. Set all
units to the required output ±0.1V. The voltage setting pot on unit
1 can be used to set the overall output voltage if required.
Overall dimensions are
in inches (mm)
Weight:
2.87 lbs (1.3 kg)
1. For -40 ºC operating temperature, add suffix ‘L’ to model number.
2. For conformally coated option, add suffix ‘E’ to model number.


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AML120PS12AC-DC Power Supplies 1 2 XP Power Limited
PLP75AC-DC power supplies suited for telecom 1 2 3 4 5 MorePower-One
AML150PS12AC-DC Power Supplies 1 2 XP Power Limited
AML180PS18AC-DC Power Supplies 1 2 XP Power Limited
AMM90PS05AC-DC Power Supplies 1 2 XP Power Limited
AMM120PS12AC-DC Power Supplies 1 2 XP Power Limited
AMM150PS12AC-DC Power Supplies 1 2 XP Power Limited
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
ACS40US03AC-DC Power Supplies 1 2 XP Power Limited
AED36US05AC-DC Power Supplies 1 2 XP Power Limited

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn