Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54ACT00J Datasheet(PDF) 3 Page - Texas Instruments

Part # SN54ACT00J
Description  QUADRUPLE 2-INPUT POSITIVE-NAND GATES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ACT00J Datasheet(HTML) 3 Page - Texas Instruments

  SN54ACT00J Datasheet HTML 1Page - Texas Instruments SN54ACT00J Datasheet HTML 2Page - Texas Instruments SN54ACT00J Datasheet HTML 3Page - Texas Instruments SN54ACT00J Datasheet HTML 4Page - Texas Instruments SN54ACT00J Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SN54ACT00, SN74ACT00
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SCAS523B – AUGUST 1995 – REVISED AUGUST 1999
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54ACT00
SN74ACT00
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
IOH =50 µA
4.5 V
4.4
4.49
4.4
4.4
IOH = – 50 µA
5.5 V
5.4
5.49
5.4
5.4
VOH
I24
A
4.5 V
3.86
3.7
3.76
V
VOH
IOH = – 24 mA
5.5 V
4.86
4.7
4.76
V
IOH = – 50 mA†
5.5 V
3.85
IOH = – 75 mA†
5.5 V
3.85
IOL =50 µA
4.5 V
0.001
0.1
0.1
0.1
IOL = 50 µA
5.5 V
0.001
0.1
0.1
0.1
VOL
IOL =24mA
4.5 V
0.36
0.5
0.44
V
VOL
IOL = 24 mA
5.5 V
0.36
0.5
0.44
V
IOL = 50 mA†
5.5 V
1.65
IOL = 75 mA†
5.5 V
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
±1
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
2
40
20
µA
∆ICC‡
One input at 3.4 V,
Other inputs at GND or VCC
5.5 V
0.6
1.6
1.5
mA
Ci
VI = VCC or GND
5 V
2.6
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 2 ms.
‡ This is the increase in supply current for each input that is at one of the specified TTL voltage levels rather than 0 V or VCC.
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
SN54ACT00
SN74ACT00
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
AorB
Y
1.5
5.5
9
1
9.5
1
9.5
ns
tPHL
A or B
Y
1.5
4
7
1
8
1
8
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 1 MHz
40
pF


Similar Part No. - SN54ACT00J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT00 TI-SN54ACT00 Datasheet
662Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54ACT00 TI1-SN54ACT00 Datasheet
1Mb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54ACT00 TI-SN54ACT00_07 Datasheet
662Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54ACT00 TI1-SN54ACT00_16 Datasheet
1Mb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results

Similar Description - SN54ACT00J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HCT00 TI-SN54HCT00 Datasheet
404Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00-EP TI1-SN74AHCT00-EP Datasheet
421Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Unisonic Technologies
U74AHCT00 UTC-U74AHCT00_15 Datasheet
201Kb / 4P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Texas Instruments
SN5400 TI-SN5400_07 Datasheet
737Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_08 Datasheet
937Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00A TI-SN54LV00A_10 Datasheet
673Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54ACT00 TI-CD54ACT00 Datasheet
73Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_07 Datasheet
908Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54F00 TI1-SN54F00_14 Datasheet
779Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com