Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AMM150PS12 Datasheet(PDF) 1 Page - XP Power Limited

Part No. AMM150PS12
Description  AC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  XPPOWER [XP Power Limited]
Homepage  http://www.xppower.com
Logo 

AMM150PS12 Datasheet(HTML) 1 Page - XP Power Limited

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
150 Watts
Energy Star Level V
≥15 V
CEC 2008 & EISA2007 Compliant
Worldwide Medical Approvals
Class I and Class II Versions
Optional AC Cable Restraint
Optional Output Connectors
Low Leakage Current
AMM150 Series
Input
Input Voltage
• 90-264 VAC
Input Frequency
• 47-63 Hz
Input Current
• 2 A rms at 115 VAC,
1 A rms at 230 VAC
Earth Leakage Current
• 90 µA max at 115 VAC/60 Hz,
(Class I Versions)
150 µA max at 230 VAC/50 Hz
Input Protection
• Internal 3 A fuse in live and neutral lines
No Load Input Power
• <0.5 W
Output
Output Voltage
• See table
Initial Set Accuracy
• ±2%
Minimum Load
• No minimum load required
Start Up Delay
• 2 s max at 115 VAC
Start Up Rise Time
• <80 ms at 115 VAC
Hold Up Time
• 15 ms at 110 VAC
Line Regulation
• ±0.5%
Load Regulation
• ±5%
Transient Response
• 4% deviation recovering to <1% within
300 µs for 25% step change
Ripple & Noise
• 2% pk-pk max, see note 1
Overvoltage Protection • 112-140% of nominal output voltage,
auto recovery
Overtemperature
• Unit shuts down, auto recovery
Protection
Overload Protection
• 130-180% auto recovery
Short Circuit Protection • Trip & restart (hiccup mode)
Temperature
• ±0.04%/°C
Coefficient
xppower.com
General
Efficiency
• 85% minimum (see note 4)
Isolation
• 4000 VAC Input to Output
1500 VAC Input to Ground
500 VAC Output to Ground
Switching Frequency
• 50-110 kHz
Power Density
• 2.9 W/Inch3
MTBF
• 150 kHrs per MIL-HDBK-217F
Environmental
Operating Temperature • 0 ºC to +60 ºC, derate linearly from
100% load at +40 °C to 50% at +60 °C
Cooling
• Natural convection
Operating Humidity
• 5-95% RH, non-condensing
Storage Temperature
• -40 ºC to +85 ºC
Operating Altitude
• 3000 m
Shock
• 30 g, 10 ms on 3 axes
Vibration
• 5-100 Hz, 2.31 m/s2, 20 mins on 3 axes
EMC & Safety
Emissions
• EN55011, Class B conducted
EN55011, Class B radiated
Harmonic Currents
• EN61000-3-2, Class A
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, ±8 kV air & ±6 kV indirect
Discharge, Perf Criteria A
Radiated Immunity
• EN61000-4-3, level 2 Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3 Perf Criteria A
Surge
• EN61000-4-5, level 3 Perf Criteria A
Conducted Immunity
• EN61000-4-6, 3 V rms Perf Criteria A
Magnetic Field
• EN61000-4-8, 1 A/m Perf Criteria A
Dips & Interruptions
• EN61000-4-11, >95% UT for 10 ms,
60% UT for 100 ms, 30% UT for 500 ms
Perf Criteria A, B, B
Safety Approvals
• EN60601-1, UL60601-1, CSA22.2
No. 601-1 per cUL


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AML120PS12AC-DC Power Supplies 1 2 XP Power Limited
PLP75AC-DC power supplies suited for telecom 1 2 3 4 5 MorePower-One
AML150PS12AC-DC Power Supplies 1 2 XP Power Limited
AML180PS18AC-DC Power Supplies 1 2 XP Power Limited
AMM90PS05AC-DC Power Supplies 1 2 XP Power Limited
AMM120PS12AC-DC Power Supplies 1 2 XP Power Limited
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
ACS40US03AC-DC Power Supplies 1 2 XP Power Limited
AED36US05AC-DC Power Supplies 1 2 XP Power Limited
AEH45US02AC-DC Power Supplies 1 2 3 4 XP Power Limited

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn