Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEP25US18 Datasheet(PDF) 3 Page - XP Power Limited

Part # AEP25US18
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AEP25US18 Datasheet(HTML) 3 Page - XP Power Limited

  AEP25US18 Datasheet HTML 1Page - XP Power Limited AEP25US18 Datasheet HTML 2Page - XP Power Limited AEP25US18 Datasheet HTML 3Page - XP Power Limited AEP25US18 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AEP10
Models and Ratings
Notes
1. Initial set accuracy is at 60% full load.
2. Add a 0.1µF E.L capacitor to output for ripple & noise measurement at 20 MHz BW.
3. Line regulation measured from 100 VAC to 240 VAC, full load.
4. Load regulation measured from 60% to full load and from 60% to 20% load (60% ±40% load).
Output Voltage
Output Current
Ripple & Noise(2)
Initial Set
Accuracy(1)
Line
Regulation(3)
Load
Regulation(4)
Model
Number
3.3 V
1600 mA
50 mV pk-pk
±3%
±1%
±4%
AEP10US033
5.0 V
1600 mA
50 mV pk-pk
±2%
±1%
±4%
AEP10US05
6.0 V
1500 mA
1%
±2%
±1%
±3%
AEP10US06
7.5 V
1200 mA
1%
±2%
±1%
±3%
AEP10US075
9.0 V
1100 mA
1%
±2%
±1%
±2%
AEP10US09
12.0 V
850 mA
1%
±2%
±1%
±2%
AEP10US12
13.6 V
750 mA
1%
±2%
±1%
±2%
AEP10US136
15.0 V
700 mA
1%
±2%
±1%
±2%
AEP10US15
18.0 V
550 mA
1%
±2%
±1%
±2%
AEP10US18
24.0 V
400 mA
1%
±2%
±1%
±2%
AEP10US24
Mechanical Details 10 Watt Models
2.83
(72.0)
1.38
(35.0)
70.87 ±1.97
(1800.0 ±50.0)
1.81
(46.0)
0.70
(17.7)
0.69
(17.4)
1.10
(28.0)
0.99
(25.1)
0.75
(19.0)
0.63
(16.0) 1.50
(38.0)
0.49 (12.5) ±0.002 (0.05)
0.72 (18.3) ±0.002 (0.05)
1.49
(38.0)
1.14
(28.9)
1.24
(31.5)
0.67
(17.0)
All dimensions are in inches (mm)
Weight: 0.3 lb (135 g)
Output Plug: 0.22 x 0.10 x 0.37 (5.5 x 2.5 x 9.5)
UK
US
EUROPEAN
NB: The AEP10 has four interchangeable mains adapter plugs.
All four mains adapter plugs are supplied with these units.
AUSTRALIAN


Similar Part No. - AEP25US18

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AEP25012 PANASONIC-AEP25012 Datasheet
230Kb / 8P
   HIGH VOLTAGE AND CURRENT CUT-OFF CAPACITY IN A COMPACT PACKAGE
AEP25024 PANASONIC-AEP25024 Datasheet
230Kb / 8P
   HIGH VOLTAGE AND CURRENT CUT-OFF CAPACITY IN A COMPACT PACKAGE
More results

Similar Description - AEP25US18

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com