Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AMM90PS05 Datasheet(PDF) 2 Page - XP Power Limited

Part No. AMM90PS05
Description  AC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  XPPOWER [XP Power Limited]
Homepage  http://www.xppower.com
Logo 

AMM90PS05 Datasheet(HTML) 2 Page - XP Power Limited

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15-Dec-08
AMM90
Models and Ratings
Output
Power
Output
Voltage
Output
Current
Total
Regulation
(2)
Model
Number(3, 4)
60 W
5.0 V
12.00 A
5%
AMM90PS05
60 W
6.0 V
10.00 A
5%
AMM90PS06
70 W
9.0 V
7.78 A
5%
AMM90PS09
80 W
12.0 V
6.67 A
5%
AMM90PS12
85 W
13.5 V
6.30 A
5%
AMM90PS13
85 W
15.0 V
5.67 A
5%
AMM90PS15
90 W
18.0 V
5.00 A
5%
AMM90PS18
90 W
19.0 V
4.74 A
5%
AMM90PS19
90 W
24.0 V
3.75 A
5%
AMM90PS24
90 W
30.0 V
3.00 A
5%
AMM90PS30
90 W
48.0 V
1.87 A
5%
AMM90PS48
3.00 (76.2)
5.12
(130.0)
Cable length approx 48” (1219mm)
1.72
(43.7)
Rubber foot
(4 places.)
AC Input
IEC 320-C14 Inlet - For Class I version
IEC 320-C18 Inlet - For Class II version
1. Dimensions shown in inches (mm). Tolerance is 0.02 (0.5) maximum, except output cable length.
2. Maximum load per pin on output connector is 7.5 A.
3. Output connector for AMM90PS05 and PS06 is 5 pin 180° DIN.
4. Output connector for AMM90PS09-PS13 is KYCON KPP-4P non locking type. For mating half, use KYCON KPJ-4S-S or equivalent.
5. Output connector for AMM90PS15-PS48 is KYCON KPP-4P locking type. For mating half, use KYCON KPJ-4S-S or equivalent.
6. For Class I versions shell is connected to ground. For Class II versions shell is capacitively coupled to input.
7. Weight: 1.46 lb (660 g).
Mechanical Details
Notes
1. Ripple and noise measured at 20 MHz bandwidth with a 10 µF tantalum and 0.1 µF ceramic cap connected at the measurement point.
2. Total regulation includes initial set accuracy, line and load regulation.
3. For class II versions, add ‘C2’ to model number e.g. AMM90PS24C2.
4. For optional Barrel Jack Connector, add ‘B1’ to model number e.g. AMM90PS24C2B1 (not available on 5 V or 6 V models).
Optional Barrel Jack Connector
0.433 (11.0)
0.083 (2.1)
0.413
(10.5)
0.217
(5.5)
Notes
PIN CONNECTIONS
PS09 - PS48
Pin
Function
1
Return
2
Output+
3
Return
4
Output+
PIN CONNECTIONS
PS05 - PS06
Pin
Function
1
Return
2
Return
3
Output+
4
Return
5
Output+
1
3
4
2
3
1
4
2
5


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AML120PS12AC-DC Power Supplies 1 2 XP Power Limited
PLP75AC-DC power supplies suited for telecom 1 2 3 4 5 MorePower-One
AML150PS12AC-DC Power Supplies 1 2 XP Power Limited
AML180PS18AC-DC Power Supplies 1 2 XP Power Limited
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
ACS40US03AC-DC Power Supplies 1 2 XP Power Limited
AED36US05AC-DC Power Supplies 1 2 XP Power Limited
AEH45US02AC-DC Power Supplies 1 2 3 4 XP Power Limited
AEH15US03AC-DC Power Supplies 1 2 XP Power Limited
AEL15US03AC-DC Power Supplies 1 2 3 4 5 MoreXP Power Limited

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn