Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC-208AMC Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # ADC-208AMC
Description  8-Bit, 20MSPS CMOS Flash A/D (ADC-208 Compatible)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADC-208AMC Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  ADC-208AMC Datasheet HTML 1Page - Murata Power Solutions Inc. ADC-208AMC Datasheet HTML 2Page - Murata Power Solutions Inc. ADC-208AMC Datasheet HTML 3Page - Murata Power Solutions Inc. ADC-208AMC Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PERFORMANCE
MIN.
TYP.
MAX.
UNITS
Int. Linearity @ +25°C
(ref. unadjusted)
End-point
±2
±2.6
LSB
Best-fit Line
±1.6
±1.9
LSB
Int. Linearity Over Temp.
(ref. unadjusted)
End-point
±2.3
±2.6
LSB
Best-fit Line
±1.8
±2.0
LSB
Zero-Scale Offset
±1
±2
LSB
(Code "0" to "1" transition)
Gain Error
±1.5
±3
LSB
Differential Gain
2
%
Differential Phase
1.1
degrees
Aperture Delay
8
ns
Aperture Jitter
50
ps
Harmonic Distortion
(8MHz second order harm.)
–40
–46
dB
Ref. bandwidth
(See tech note 5)
10
MHz
Power Supply Rejection
±0.02
±0.05 %FSR/%Vs
No Missing Codes
Over the operating temperature range
POWER REQUIREMENTS
Power Supply Range (+V
DD)
+3.0
+5.0
+5.5
Volts
Power Supply Current
+25°C
+45
+65
mA
+125°C
+40
+60
mA
–55°C
+50
+70
mA
Power Dissipation
+25°C
225
325
mW
+125°C
200
300
mW
–55°C
250
350
mW
PHYSiCAL ENVIRONMENTAL
Operating Temp. Range, Case:
MC/LM Versions
0
+70
°C
MM/LM/QL Versions
–55
+125
°C
Storage Temp. Range
–65
+150
°C
Package Type
DIP
24-pin ceramic DIP
LCC
24-pin ceramic LCC
FUNCTIONAL SPECIFICATIONS
(Typical at +5V power, +25°C, 20MHz clock, +REFERENCE = +5V,
–REFERENCE = ground, unless noted)
ABSOLUTE MAXIMUM RATINGS
ANALOG INPUT
MIN.
TYP.
MAX.
UNITS
Single-Ended, Non-Isolated
Input Range DC - 20MHz
0
+5.0
Volts
Analog Input Capacitance
(static - Pin 5 to 7)
20
pF
(dynamic - Pin 5 to 7)
64
pF
Reference Ladder Resistance
500
Ohms
Reference Input (Note 5)
–0.5
VDD +0.5
Volts
DIGITAL INPUTS
Logic Levels
Logic "1"
3.2
Volts
Logic "0"
0.8
Volts
Logic Loading
Logic Loading "1"
+1
+5
µA
Logic Loading "0"
+1
+5
µA
Clock Low Pulse Width
15
25
nSec
DIGITAL OUTPUTS
Logic Levels
Logic "1"
2.4
4.5
5.0
Volts
Logic "0"
0.4
Volts
Logic Loading
Logic Loading "1"
4
mA
Logic Loading "0"
4
mA
Output Data Valid Delay From
Rising Clock Edge
99% probability
5
10
15
nSec
100% probability
+25°C
5
10
25
nSec
–55°C to +125°C
40
nSec
Data Output Resolution
8
Bits
Data Coding
Straight binary
PERFORMANCE
Sampling Rate
15
20
MSPS
Full Power Bandwidth
10
MHz
Diff. Linearity @ +25°C
(See tech note 7)
Code Transitions
±0.5
±1.0
LSB
Center of Codes
±0.25
LSB
Diff. Linearity Over Temp.
Code Transitions
±0.5
±1.0
LSB
Center of Codes
±0.25
LSB
Int. Linearity @ +25°C
(See tech note 4)(ref. adjusted)
End-point
±1/2
LSB
Best-fit Line
±1/2
LSB
Int. Linearity Over Temp.
(ref. adjusted)
Best-fit Line
±1/2
±1
LSB
Footnotes:
➀ Maximum input impedance is a function of clock frequency.
➁ At full-power input.
➂ For 10-step, 40 IRE NTSC ramp test.
TECHNICAL NOTES
1. The Reference ladder is floating with respect to VDD and may be referenced anywhere
within the specified limits. AC modulation of the reference voltage may also be utilized; contact
DATEL for further information.
2. Clock Pulse Width – To improve performance when input signals may exceed Nyquist
bandwidths, the clock duty cycle can be adjusted so that the low portion (sample mode) of
the clock pulse is 15nSec wide. Reducing the sampling time period minimizes the amount the
input voltage slews and prevents the comparators from saturating.
3. A full-scale input produces all "1" on the data outputs.
4. DATEL uses the conservative definitions when specifying Intergal Linearity (end-point) and
Differential Linearity (code transition). The specifications using the less conservative definition
have also been provided as a comparative specification for products specified this way.
5. The process that is used to fabricate the ADC-208A eliminates the latchup phenomena
that has plagued CMOS devices in the past. These converters do not require external protec-
tion diodes.
6. For clock rates less than 100kHz, there may be some degradation in offset and differential
nonlinearity. Performance may be improved by increasing the clock duty cycle (decreasing
the time spent in the sample mode).
PARAMETERS
LIMITS
UNITS
Power Supply Voltage (V
DD Pin 1, 10, 19)
–0.5 to +7
Volts
Digital Inputs
–0.5 to +5.5
Volts
Analog Input
–0.5 to (+V
DD +0.5)
Volts
Reference Inputs
–0.5 to (+V
DD +0.5)
Volts
Digital Outputs
–0.5 to +5.5
Volts
(short circuit protected to ground)
Lead Temperature (10 sec. max.)
+300 max.
°C
Storage Temperature
–65 to +150
°C
ADC-208A
8-Bit, 20MSPS CMOS Flash A/D (ADC-208 Compatible)
MDA_ADC-208A.B01 Page 2 of 4
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com


Similar Part No. - ADC-208AMC

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
ADC-208AMC DATEL-ADC-208AMC Datasheet
102Kb / 1P
   CMOS Flash A/D
ADC-208AMC-C DATEL-ADC-208AMC-C Datasheet
102Kb / 1P
   CMOS Flash A/D
More results

Similar Description - ADC-208AMC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADC-30634 ETC2-ADC-30634 Datasheet
109Kb / 4P
   8-Bit, 20MSPS CMOS Flash A/D
logo
Intersil Corporation
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
logo
Renesas Technology Corp
HI567 RENESAS-HI567 Datasheet
572Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
March 2003
logo
Intersil Corporation
HI5675 INTERSIL-HI5675_03 Datasheet
471Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
logo
Renesas Technology Corp
HI1175 RENESAS-HI1175 Datasheet
607Kb / 13P
   8-Bit, 20MSPS, Flash A/D Converter
logo
Sony Corporation
CXD1175AM SONY-CXD1175AM Datasheet
302Kb / 20P
   8-bit 20MSPS Video A/D Converter (CMOS)
logo
Aimtron Technology
AT1175 AIMTRON-AT1175 Datasheet
223Kb / 6P
   8-BIT 20MSPS CMOS VIDEO A/D CONVERTER
logo
Analog Devices
AD7574KNZ AD-AD7574KNZ Datasheet
655Kb / 8P
   CMOS uP-Compatible 8-bit ADC
REV. A
logo
Maxim Integrated Produc...
MAX1425 MAXIM-MAX1425 Datasheet
212Kb / 16P
   10-Bit, 20Msps ADC
19-1597; Rev 0; 1/00
logo
Linear Technology
LTC2201 LINER-LTC2201_15 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com