Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AML150PS12 Datasheet(PDF) 2 Page - XP Power Limited

Part No. AML150PS12
Description  AC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AML150PS12 Datasheet(HTML) 2 Page - XP Power Limited

  AML150PS12 Datasheet HTML 1Page - XP Power Limited AML150PS12 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
17-Apr-07
AML150
Mechanical Details
Models and Ratings
Notes
1. Ripple and noise measured at 20 MHz bandwidth with a 47 µF tantalum and 0.1 µF ceramic cap connected at the measurement point.
2. Total regulation includes initial set accuracy, line and load regulation.
2.83 (72.0)
Cable length approx 70.9” ±1.97” (1800mm ±50mm) (4)
Power On Indicator
1.57
(40.0)
Rubber foot
(4 places.)
AC Input
IEC 320/C14 Inlet
1
3
4
2
1. Dimensions shown in inches (mm). Tolerance is 0.02 (0.5) maximum, except output cable length.
2. Weight: 1.76 lb (800 g).
3. Optional output connectors available. Consult sales.
4. AML150PS12 cable length is 37.4” (950 mm).
5. Output connector (Kycon KPP-4P or equivalent) mates with Kycon KPJ-4S or equivalent.
Pin
Function
1
Output +
2
Output +
3
Return/Input Earth
4
Return/Input Earth
Shell
Return/Input Earth
Output
Power
Output
Voltage
Output
Current
Total Regulation(2)
Model
Number
150 W
12 V
12.50 A
5%
AML150PS12†^
150 W
15 V
10.00 A
5%
AML150PS15†^
150 W
19 V
7.89 A
5%
AML150PS19†^
150 W
20 V
7.50 A
5%
AML150PS20†^
150 W
24 V
6.25 A
5%
AML150PS24†^
Notes
Available from Farnell. See pages 204-206.
^ Available from Newark. See page 207-208.


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
AML120PS12 AC-DC Power Supplies 1  2  XP Power Limited
PLP75 AC-DC power supplies suited for telecom 1  2  3  4  5  More Power-One
RJK6014DPP Silicon N Channel MOS FET High Speed Power Switching 1  2  3  4  Renesas Technology Corp
ACS40US03 AC-DC Power Supplies 1  2  XP Power Limited
AED36US05 AC-DC Power Supplies 1  2  XP Power Limited
AEH45US02 AC-DC Power Supplies 1  2  3  4  XP Power Limited
AEH15US03 AC-DC Power Supplies 1  2  XP Power Limited
AEL15US03 AC-DC Power Supplies 1  2  3  4  5  More XP Power Limited
AEP06US042 AC-DC Power Supplies 1  2  3  4  XP Power Limited
AMD150PS12 AC-DC Power Supplies 1  2  XP Power Limited

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn