Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EP16U Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # SY100EP16U
Description  2.5/3.3V Precision ECL Differential Receiver/Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EP16U Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button SY100EP16U Datasheet HTML 6Page - Micrel Semiconductor SY100EP16U Datasheet HTML 7Page - Micrel Semiconductor SY100EP16U Datasheet HTML 8Page - Micrel Semiconductor SY100EP16U Datasheet HTML 9Page - Micrel Semiconductor SY100EP16U Datasheet HTML 10Page - Micrel Semiconductor SY100EP16U Datasheet HTML 11Page - Micrel Semiconductor SY100EP16U Datasheet HTML 12Page - Micrel Semiconductor SY100EP16U Datasheet HTML 13Page - Micrel Semiconductor SY100EP16U Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Micrel, Inc.
SY10/100EP16U
December 2008
10
M9999-121808-A
hbwhelp@micrel.com or (408) 955-1690
Functional Characteristics
VCC = 2.5V, GND = 0V, 100k version, VIN = 150mV, Data Pattern: 2
23-1, R
L = 50Ω to VCC-2V, TA = 25°C, unless
otherwise stated.


Similar Part No. - SY100EP16U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP16UKG MICREL-SY100EP16UKG Datasheet
524Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
SY100EP16UKG MICREL-SY100EP16UKG Datasheet
562Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
SY100EP16UKGTR MICREL-SY100EP16UKGTR Datasheet
524Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
SY100EP16UKGTR MICREL-SY100EP16UKGTR Datasheet
562Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
SY100EP16UMG MICREL-SY100EP16UMG Datasheet
524Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
More results

Similar Description - SY100EP16U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP16UMG MICREL-SY10EP16UMG Datasheet
524Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
SY10EP16U MICREL-SY10EP16U Datasheet
562Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
SY100EP16V MICREL-SY100EP16V Datasheet
514Kb / 12P
   3.3V/5V Precision ECL Differential Receiver/Driver
logo
ON Semiconductor
MC10LVEP16 ONSEMI-MC10LVEP16_06 Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10LVEP16 ONSEMI-MC10LVEP16 Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
MC100LVEL16 ONSEMI-MC100LVEL16_06 Datasheet
142Kb / 9P
   3.3V ECL Differential Receiver
December, 2006 ??Rev. 5
logo
Fairchild Semiconductor
100LVEL16 FAIRCHILD-100LVEL16 Datasheet
141Kb / 6P
   3.3V ECL Differential Receiver
logo
ON Semiconductor
MC100LVEL16 ONSEMI-MC100LVEL16_15 Datasheet
101Kb / 9P
   3.3V ECL Differential Receiver
July, 2015 ??Rev. 7
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com