Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AML120PS12 Datasheet(PDF) 2 Page - XP Power Limited

Part No. AML120PS12
Description  AC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AML120PS12 Datasheet(HTML) 2 Page - XP Power Limited

  AML120PS12 Datasheet HTML 1Page - XP Power Limited AML120PS12 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
01-Dec-08
2.56 (65.0)
Cable length approx 71” (1800mm)
Power On Indicator
1.46
(37.0)
Rubber foot
(4 places.)
AC Input
IEC 320-C6 Inlet
(Mates with a C5 plug)
1
3
4
2
AML120
Mechanical Details
Models and Ratings
Output
Power
Output
Voltage
Output
Current
Total
Regulation
(2)
Model
Number
96 W
12 V
8.00 A
5%
AML120PS12
105 W
15 V
7.00 A
5%
AML120PS15
120 W
18 V
6.67 A
5%
AML120PS18
120 W
19 V
6.32 A
5%
AML120PS19
120 W
20 V
6.00 A
5%
AML120PS20
120 W
24 V
5.00 A
5%
AML120PS24
120 W
30 V
4.00 A
5%
AML120PS30
120 W
36 V
3.34 A
5%
AML120PS36
120 W
48 V
2.50 A
5%
AML120PS48
Notes
1. Ripple and noise measured at 20 MHz bandwidth with a 10 µF tantalum and 0.1 µF ceramic cap connected at the measurement point.
2. Total regulation includes initial set accuracy, line and load regulation.
1. Dimensions shown in inches (mm). Tolerance is 0.02 (0.5) maximum, except output cable length.
2. Maximum load per pin on output connector is 5 A.
3. Optional output connectors available. Consult sales.
4. Output connector is Kycon part KPP-4P or equivalent. Mating connector Kycon part KPJ-4S.
Pin
Function
1
Return/Input Earth
2
Output +
3
Return/Input Earth
4
Output +
Shell
Return/Input Earth
Notes
Available from Farnell. See pages 204-206.


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
ACS40US03 AC-DC Power Supplies 1  2  XP Power Limited
AED36US05 AC-DC Power Supplies 1  2  XP Power Limited
AEH45US02 AC-DC Power Supplies 1  2  3  4  XP Power Limited
AEH15US03 AC-DC Power Supplies 1  2  XP Power Limited
AEL15US03 AC-DC Power Supplies 1  2  3  4  5  More XP Power Limited
AEP06US042 AC-DC Power Supplies 1  2  3  4  XP Power Limited
AMD150PS12 AC-DC Power Supplies 1  2  XP Power Limited
PLP75 AC-DC power supplies suited for telecom 1  2  3  4  5  More Power-One
RJK6014DPP Silicon N Channel MOS FET High Speed Power Switching 1  2  3  4  Renesas Technology Corp
MAA300 Switching Power Supplies МАА Series 1  2  3  4  5  More List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn