Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AEP06US042 Datasheet(PDF) 3 Page - XP Power Limited

Part No. AEP06US042
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  XPPOWER [XP Power Limited]
Homepage  http://www.xppower.com
Logo 

AEP06US042 Datasheet(HTML) 3 Page - XP Power Limited

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AEP10
Models and Ratings
Notes
1. Initial set accuracy is at 60% full load.
2. Add a 0.1µF E.L capacitor to output for ripple & noise measurement at 20 MHz BW.
3. Line regulation measured from 100 VAC to 240 VAC, full load.
4. Load regulation measured from 60% to full load and from 60% to 20% load (60% ±40% load).
Output Voltage
Output Current
Ripple & Noise(2)
Initial Set
Accuracy(1)
Line
Regulation(3)
Load
Regulation(4)
Model
Number
3.3 V
1600 mA
50 mV pk-pk
±3%
±1%
±4%
AEP10US033
5.0 V
1600 mA
50 mV pk-pk
±2%
±1%
±4%
AEP10US05
6.0 V
1500 mA
1%
±2%
±1%
±3%
AEP10US06
7.5 V
1200 mA
1%
±2%
±1%
±3%
AEP10US075
9.0 V
1100 mA
1%
±2%
±1%
±2%
AEP10US09
12.0 V
850 mA
1%
±2%
±1%
±2%
AEP10US12
13.6 V
750 mA
1%
±2%
±1%
±2%
AEP10US136
15.0 V
700 mA
1%
±2%
±1%
±2%
AEP10US15
18.0 V
550 mA
1%
±2%
±1%
±2%
AEP10US18
24.0 V
400 mA
1%
±2%
±1%
±2%
AEP10US24
Mechanical Details 10 Watt Models
2.83
(72.0)
1.38
(35.0)
70.87 ±1.97
(1800.0 ±50.0)
1.81
(46.0)
0.70
(17.7)
0.69
(17.4)
1.10
(28.0)
0.99
(25.1)
0.75
(19.0)
0.63
(16.0) 1.50
(38.0)
0.49 (12.5) ±0.002 (0.05)
0.72 (18.3) ±0.002 (0.05)
1.49
(38.0)
1.14
(28.9)
1.24
(31.5)
0.67
(17.0)
All dimensions are in inches (mm)
Weight: 0.3 lb (135 g)
Output Plug: 0.22 x 0.10 x 0.37 (5.5 x 2.5 x 9.5)
UK
US
EUROPEAN
NB: The AEP10 has four interchangeable mains adapter plugs.
All four mains adapter plugs are supplied with these units.
AUSTRALIAN


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
PLP75AC-DC power supplies suited for telecom 1 2 3 4 5 MorePower-One
ACS40US03AC-DC Power Supplies 1 2 XP Power Limited
AED36US05AC-DC Power Supplies 1 2 XP Power Limited
AEH45US02AC-DC Power Supplies 1 2 3 4 XP Power Limited
AEH15US03AC-DC Power Supplies 1 2 XP Power Limited
AEL15US03AC-DC Power Supplies 1 2 3 4 5 MoreXP Power Limited
NLP150L110-150 W AC/DC Universal Input Switch Mode Power Supplies 1 2 3 Emerson Network Power
ASM4040W Ultraminiature Medical Open Frame Switching Power Supplies 1 2 3 4 Astrodyne Corporation
EFM1010W Ultraminiature Open Frame Switching Power Supplies 1 2 3 4 Astrodyne Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn