Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AEP06US042 Datasheet(PDF) 1 Page - XP Power Limited

Part No. AEP06US042
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  XPPOWER [XP Power Limited]
Homepage  http://www.xppower.com
Logo 

AEP06US042 Datasheet(HTML) 1 Page - XP Power Limited

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specification
6-25 Watts
Universal Input 90-264 VAC
Interchangeable Mains Plug, 10 Watt Models
Continous Short Circuit Protection
EN550022 Class B
Low Cost
6, 10, 15 and 25 Watt Versions
Non-standard Outputs Available
AEP Series
Input
Input Voltage
• 90-264 VAC
Input Frequency
• 47-63 Hz
Input Current
• 0.2/0.09 A at 115/230 VAC (6W & 10W)
0.3/0.15 A at 115/230 VAC (15W)
0.5/0.3 A at 115/230 VAC (25W)
Inrush Current
• 15/30 A max at 115/230 VAC (6W & 10W)
25/50 A max at 115/230 VAC (15W & 25W)
Output
Output Voltage
• See tables
Initial Set Accuracy
• See tables
Minimum Load
• No minimum load requirement
Start Up Delay
• 6 W 100 ms,
10 W 240 ms,
15 W 270 ms,
25 W 280 ms
Hold Up Time
• 10 ms typical at 115 VAC,
60 ms typical at 230 VAC
Line Regulation
• See tables
Load Regulation
• See tables
Ripple & Noise
• 1 % pk-pk max (see note 2)
Overvoltage Protection • 125% typical
Overload Protection
• Trip and restart (Hiccup mode)
Short Circuit Protection • Continuous (auto recovery)
xppower.com
General
Efficiency
• Typically 70% for 6 W,
75% for 10 and 15 W,
80% for 25 W
Isolation
• 3000 VAC Input to Output
Switching Frequency
• 60 kHz ± 10 kHz
MTBF
• >230 kHrs, MIL-HDBK-217F
Environmental
Operating Temperature • 0 ˚C to +40 ˚C
Storage Temperature
• -20 ˚C to +85 ˚C
EMC & Safety
Emissions
• EN55022, level B
ESD Immunity
• EN61000-4-2, level 2 Perf Criteria B
Radiated Immunity
• EN61000-4-3, level 2 Perf Criteria A
EFT/Burst
• EN61000-4-4, level 2 Perf Criteria B
Surge
• EN61000-4-5, level 2 Perf Criteria B
Conducted Immunity
• EN61000-4-6, level 2 Perf Criteria B
Dips & Interruptions
• EN61000-4-11, 5 % UT 10 ms, Perf
Criteria B, 70 % UT 500 ms,
Perf Criteria C
Safety Approvals
• EN60950, UL1950,
CSA C22.2 No.234 cUL


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
PLP75AC-DC power supplies suited for telecom 1 2 3 4 5 MorePower-One
ACS40US03AC-DC Power Supplies 1 2 XP Power Limited
AED36US05AC-DC Power Supplies 1 2 XP Power Limited
AEH45US02AC-DC Power Supplies 1 2 3 4 XP Power Limited
AEH15US03AC-DC Power Supplies 1 2 XP Power Limited
AEL15US03AC-DC Power Supplies 1 2 3 4 5 MoreXP Power Limited
NLP150L110-150 W AC/DC Universal Input Switch Mode Power Supplies 1 2 3 Emerson Network Power
ASM4040W Ultraminiature Medical Open Frame Switching Power Supplies 1 2 3 4 Astrodyne Corporation
EFM1010W Ultraminiature Open Frame Switching Power Supplies 1 2 3 4 Astrodyne Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn