Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AEP06US042 Datasheet(PDF) 4 Page - XP Power Limited

Part No. AEP06US042
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  XPPOWER [XP Power Limited]
Homepage  http://www.xppower.com
Logo 

AEP06US042 Datasheet(HTML) 4 Page - XP Power Limited

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
04/04/05
AEP15-25
Models and Ratings
Notes
1. Initial set accuracy is at 60% full load.
2. Add a 0.1µF E.L capacitor to output for ripple & noise measurement at 20 MHz BW.
3. Line regulation measured from 100 VAC to 240 VAC, full load.
4. Load regulation measured from 60% to full load and from 60% to 20% load (60% ±40% load).
Output Voltage
Output Current
Ripple & Noise(2)
Initial Set
Accuracy(1)
Line
Regulation(3)
Load
Regulation(4)
Model
Number
5.0 V
2.00 A
1%
±2%
±1%
±4%
AEP15US05
6.0 V
1.50 A
1%
±2%
±1%
±4%
AEP15US06
7.5 V
1.60 A
1%
±2%
±1%
±4%
AEP15US075
9.0 V
1.40 A
1%
±2%
±1%
±4%
AEP15US09
12.0 V
1.00 A
1%
±2%
±1%
±4%
AEP15US12
13.6 V
1.00 A
1%
±2%
±1%
±4%
AEP15US136
15.0 V
1.00 A
1%
±2%
±1%
±4%
AEP15US15
18.0 V
0.83 A
1%
±2%
±1%
±4%
AEP15US18
24.0 V
0.63 A
1%
±2%
±1%
±4%
AEP15US24
3.3 V
4.00 A
50 mV pk-pk
±2%
±1%
±6%
AEP25US033
5.0 V
4.00 A
1%
±2%
±1%
±6%
AEP25US05
12.0 V
2.10 A
1%
±2%
±1%
±5%
AEP25US12
15.0 V
1.67 A
1%
±2%
±1%
±3%
AEP25US15
18.0 V
1.40 A
1%
±2%
±1%
±2%
AEP25US18
24.0 V
1.05 A
1%
±2%
±1%
±2%
AEP25US24
Mechanical Details 25 Watt Models
3.19
(81.0)
2.20
(56.0)
3.19
(81.0)
3.19
(81.0)
70.87 ±1.97
(1800.0 ±50.0)
1.89
(48.0)
3.19
(81.0)
2.20
(56.0)
70.87 ±1.97
(1800.0 ±50.0)
1.89
(48.0)
3.19
(81.0)
2.20
(56.0)
3.19
(81.0)
3.19
(81.0)
3.19
(81.0)
2.20
(56.0)
70.87 ±1.97
(1800.0 ±50.0)
1.89
(48.0)
70.87 ±1.97
(1800.0 ±50.0)
1.89
(48.0)
All dimensions are in inches (mm)
For 15 Watt model mechanical details see 6 Watt model
Weight: 0.485 lb (220 g)
Output Plug: 0.22 x 0.10 x 0.37 (5.5 x 2.5 x 9.5)
To order US add suffix’-US’ to model number
To order European add suffix’-EU’ to model number
To order Australian add suffix’-AU’ to model number
To order UK add suffix’-UK’ to model number


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
PLP75AC-DC power supplies suited for telecom 1 2 3 4 5 MorePower-One
ACS40US03AC-DC Power Supplies 1 2 XP Power Limited
AED36US05AC-DC Power Supplies 1 2 XP Power Limited
AEH45US02AC-DC Power Supplies 1 2 3 4 XP Power Limited
AEH15US03AC-DC Power Supplies 1 2 XP Power Limited
AEL15US03AC-DC Power Supplies 1 2 3 4 5 MoreXP Power Limited
NLP150L110-150 W AC/DC Universal Input Switch Mode Power Supplies 1 2 3 Emerson Network Power
ASM4040W Ultraminiature Medical Open Frame Switching Power Supplies 1 2 3 4 Astrodyne Corporation
EFM1010W Ultraminiature Open Frame Switching Power Supplies 1 2 3 4 Astrodyne Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn