Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AEL15US03 Datasheet(PDF) 2 Page - XP Power Limited

Part No. AEL15US03
Description  AC-DC Power Supplies
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  XPPOWER [XP Power Limited]
Homepage  http://www.xppower.com
Logo 

AEL15US03 Datasheet(HTML) 2 Page - XP Power Limited

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
01-Dec-08
AEL15
Models and Ratings
Notes
1. Standard input connector is IEC320-C14 Inlet. For optional IEC320-C6 Inlet, add suffix “C6” to model number e.g. AEL15US12C6.
2. Total regulation includes initial set accuracy, line regulation, load regulation and temperature coefficient.
3. Measured at 25 ºC
4. Other output voltages available, contact sales for details.
Max Output
Power
Output
Voltage
(4)
Output
Current
Total
Regulation
(2)
Model
Number
(1)
8 W
3.3 VDC
2.50 A
7%
AEL15US03
12 W
5 VDC
2.40 A
7%
AEL15US05
15 W
8 VDC
1.87 A
5%
AEL15US08
9 VDC
1.66 A
5%
AEL15US09
12 VDC
1.25 A
5%
AEL15US12
15 VDC
1.00 A
5%
AEL15US15
18 VDC
0.83 A
5%
AEL15US18
24 VDC
0.62 A
5%
AEL15US24
30 VDC
0.50 A
5%
AEL15US30
36 VDC
0.42 A
3%
AEL15US36
48 VDC
0.31 A
3%
AEL15US48
1. All dimensions are shown in inches (mm). Tolerance ±0.04 (±1.0) max.
2. Output connector: is 0.22 (5.5) outer diameter barrel, 0.10 (2.5) inner diameter barrel with centre positive (+) and outer shell negative (-). Length is 0.433 (11.0).
3. Output cable length is 48” (1220mm) approx.
4. Weight is 0.36 lbs (165 g)
5. For European mains lead order part: EU-MAINS-IEC or EU-MAINS-5 for C6 version.
6. For UK mains lead order part: UK-MAINS-IEC or UK-MAINS-5 for C6 version.
7. For US mains lead order part: US-MAINS-IEC or US-MAINS-5 for C6 version.
Notes
3.58 ±0.04
(91.0 ±1.0)
AC INPUT
IEC-320-C14 INLET
AC INPUT
IEC-320-C6 INLET
Mechanical Details


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn