Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CU7C146 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CU7C146
Description  2K x 8 Dual-Port Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CU7C146 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CU7C146 Datasheet HTML 1Page - Cypress Semiconductor CU7C146 Datasheet HTML 2Page - Cypress Semiconductor CU7C146 Datasheet HTML 3Page - Cypress Semiconductor CU7C146 Datasheet HTML 4Page - Cypress Semiconductor CU7C146 Datasheet HTML 5Page - Cypress Semiconductor CU7C146 Datasheet HTML 6Page - Cypress Semiconductor CU7C146 Datasheet HTML 7Page - Cypress Semiconductor CU7C146 Datasheet HTML 8Page - Cypress Semiconductor CU7C146 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CY7C132, CY7C136
CY7C136A, CY7C142, CY7C146
Document #: 38-06031 Rev. *E
Page 5 of 15
Write Cycle[12]
tWC
Write Cycle Time
15
25
30
ns
tSCE
CE LOW to Write End
12
20
25
ns
tAW
Address Setup to Write End
12
20
25
ns
tHA
Address Hold from Write End
2
22
ns
tSA
Address Setup to Write Start
0
00
ns
tPWE
R/W Pulse Width
12
15
25
ns
tSD
Data Setup to Write End
10
15
15
ns
tHD
Data Hold from Write End
0
00
ns
tHZWE
R/W LOW to High Z [7]
10
15
15
ns
tLZWE
R/W HIGH to Low Z [7]
0
00
ns
Busy/Interrupt Timing
tBLA
BUSY LOW from Address Match
15
20
20
ns
tBHA
BUSY HIGH from Address Mismatch[13]
15
20
20
ns
tBLC
BUSY LOW from CE LOW
15
20
20
ns
tBHC
BUSY HIGH from CE HIGH[13]
15
20
20
ns
tPS
Port Set Up for Priority
5
55
ns
tWB
R/W LOW after BUSY LOW[14]
0
00
ns
tWH
R/W HIGH after BUSY HIGH
13
20
30
ns
tBDD
BUSY HIGH to Valid Data
15
25
30
ns
tDDD
Write Data Valid to Read Data Valid
Note 15
Note 15
Note 15
ns
tWDD
Write Pulse to Data Delay
Note 15
Note 15
Note 15
ns
Interrupt Timing [16]
tWINS
R/W to INTERRUPT Set Time
15
25
25
ns
tEINS
CE to INTERRUPT Set Time
15
25
25
ns
tINS
Address to INTERRUPT Set Time
15
25
25
ns
tOINR
OE to INTERRUPT Reset Time[13]
15
25
25
ns
tEINR
CE to INTERRUPT Reset Time[13]
15
25
25
ns
tINR
Address to INTERRUPT Reset Time[13]
15
25
25
ns
Shaded areas contain preliminary information.
Switching Characteristics
Over the Operating Range (Speeds -15, -25, -30) [8] (continued)
Parameter
Description
7C136-15 [4]
7C146-15
7C132-25 [4]
7C136-25
7C142-25
7C146-25
7C132-30
7C136-30
7C142-30
7C146-30
Unit
Min
Max
Min
Max
Min
Max
Notes
12. The internal write time of the memory is defined by the overlap of CE LOW and R/W LOW. Both signals must be LOW to initiate a write and either signal can terminate
a write by going HIGH. The data input setup and hold timing must be referenced to the rising edge of the signal that terminates the write.
13. These parameters are measured from the input signal changing, until the output pin goes to a high impedance state.
14. CY7C142/CY7C146 only.
15. A write operation on Port A, where Port A has priority, leaves the data on Port B’s outputs undisturbed until one access time after one of the following:
BUSY on Port B goes HIGH.
Port B’s address toggled.
CE for Port B is toggled.
R/W for Port B is toggled during valid read.
16. 52-pin PLCC and PQFP versions only.
[+] Feedback


Similar Part No. - CU7C146

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CU7C146 CYPRESS-CU7C146 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
More results

Similar Description - CU7C146

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
CY7C136 CYPRESS-CY7C136 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132_12 Datasheet
364Kb / 17P
   2K x 8 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132_09 Datasheet
468Kb / 15P
   2K x 8 Dual-Port Static RAM
CG5982AF CYPRESS-CG5982AF Datasheet
215Kb / 12P
   2K x 8 Automotive Dual-port Static RAM
logo
Integrated Device Techn...
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com